Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 150 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 150 Page - ams AG

Back Button AS3658_07 Datasheet HTML 146Page - ams AG AS3658_07 Datasheet HTML 147Page - ams AG AS3658_07 Datasheet HTML 148Page - ams AG AS3658_07 Datasheet HTML 149Page - ams AG AS3658_07 Datasheet HTML 150Page - ams AG AS3658_07 Datasheet HTML 151Page - ams AG AS3658_07 Datasheet HTML 152Page - ams AG AS3658_07 Datasheet HTML 153Page - ams AG AS3658_07 Datasheet HTML 154Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
149 - 157
AS3658
Data Sheet Confidential - Register map
Reset Timer
22
16h ROM
rtc_mode
rtc_rep_
wakeup
_en
rtc_alar
m_wake
up_en
xon_ena
ble
res_timer
Reg Power1
Ctrl @ 6 msec
23
17h ROM
cp_on
sd3_on
sd2_on
sd1_on
ldo_dig2
_on
ldo_dig1
_on
ldo_rf2_
on
ldo_rf1_
on
Reg Power1
Ctrl @ 7 msec
24
18h ROM
cp_on
@ 7
msec
sd3_on
@ 7
msec
sd2_on
@ 7
msec
sd1_on
@ 7
msec
ldo_dig2
_on
@ 7
msec
ldo_dig1
_on
@ 7
msec
ldo_rf2_
on
@ 7
msec
ldo_rf1_
on
@ 7
msec
Reg Power1
Ctrl @ 8 msec
25
19h ROM
cp_on
@ 8
msec
sd3_on
@ 8
msec
sd2_on
@ 8
msec
sd1_on
@ 8
msec
ldo_dig2
_on
@ 8
msec
ldo_dig1
_on
@ 8
msec
ldo_rf2_
on
@ 8
msec
ldo_rf1_
on
@ 8
msec
Reg Power1
Ctrl @ 9 msec
26
1Ah ROM
cp_on
@ 9
msec
sd3_on
@ 9
msec
sd2_on
@ 9
msec
sd1_on
@ 9
msec
ldo_dig2
_on
@ 9
msec
ldo_dig1
_on
@ 9
msec
ldo_rf2_
on
@ 9
msec
ldo_rf1_
on
@ 9
msec
Reg Power1
Ctrl @ 10 msec
27
1Bh ROM
cp_on
@10
msec
sd3_on
@ 10
msec
sd2_on
@ 10
msec
sd1_on
@ 10
msec
ldo_dig2
_on
@ 10
msec
ldo_dig1
_on
@10
msec
ldo_rf2_
on
@10
msec
ldo_rf1_
on
@ 10
msec
Reg Power1
Ctrl @ 11 msec
28
1Ch ROM
cp_on
@ 11
msec
sd3_on
@11
msec
sd2_on
@ 11
msec
sd1_on
@ 11
msec
ldo_dig2
_on
@ 11
msec
ldo_dig1
_on
@ 11
msec
ldo_rf2_
on
@ 11
msec
ldo_rf1_
on
@ 11
msec
Reg Power1
Ctrl @ 12 msec
29
1Dh ROM
cp_on
@ 12
msec
sd3_on
@ 12
msec
sd2_on
@ 12
msec
sd1_on
@ 12
msec
ldo_dig2
_on
@ 12
msec
ldo_dig1
_on
@ 12
msec
ldo_rf2_
on
@ 12
msec
ldo_rf1_
on
@ 12
msec
Reg Power2
Ctrl
30
1Eh ROM
rf3_sw
stpup2_
on
stpup1_
on
rf2_sw
rf1_sw
ldo_dig4
_on
ldo_dig3
_on
ldo_rf3
Reg GPIO Ctrl
31
1Fh ROM
ldo_dig3
_gpio
sd3_gpi
o
sd2_gpi
o
sd1_gpi
o
ldo_dig2
_gpio
ldo_dig1
_gpio
ldo_rf2_
gpio
ldo_rf1_
gpio
Step Up DC/DC
Control
32
20h
00h
stpup2_r
es
stpup2_f
req
stpup2_f
b_auto
stpup1_r
es
stpup1_f
req
stpup2_
clkinv
Step Up1 DC/
DC Control
33
21h
00h
stpup1_o
c_timeou
t
stpup1_
shortprot
stpup1_
clkinv
stpup1_v
Step Up2 DC/
DC Control
34
22h
00h
stpup2_p
rot
stpup2_fb
stpup2_v
Step Down
Control1
35
23h
00h
sd2_nsw
_on
sd2_psw
_on
sd1_nsw
_on
sd1_psw
_on
Step Down
Control2
36
24h
00h
sd3_dis_
pon
sd2_dis
_pon
sd1_dis
_pon
sdX_lpo
sd3_nsw
_on
sd3_psw
_on
Step down
charger control
37
25h
02h
sd3_dis
_curmin
sd2_dis
_curmin
sd1_dis
_curmin
sdc_pas
s_mode
sdc_pon
sdc_freq
u
Backup Battery
charger
38
26h
40h
BBCPwr
Save
BBCVolt
BBCCur
BBCRes
Off
BBCMode
DCDC_CURR1
value
39
27h
00h
dcdc_curr1_current
Table 186. Register Map
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com