Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BMC150 Datasheet HTML 1Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 2Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 141 page
background image
Datasheet
eCompass BMC150
Page 2
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
BMC150
E
COMPASS WITH 3-AXIS GEOMAGNETIC SENSOR
AND
12 BIT 3-AXIS ACCELEROMETER
Key features
Three-axis magnetic field sensor and 12bit three-axis accelerometer in one package
 Accelerometer can still be used independently from magnetometer operation
 Ultra-Small package
14-Pin LGA package, footprint 2.2 × 2.2mm2,
height 0.95 mm
 Digital interface
SPI (4-wire, 3-wire), I²C, 4 interrupt pins
(2 acceleration sensor, 2 magnetic sensor interrupt pins)
 Low voltage operation
VDD supply voltage range: 1.62V to 3.6V
VDDIO interface voltage range: 1.2V to 3.6V
 Flexible functionality
Acceleration ranges ±2g/±4g/±8g/±16g
Acceleration Low-pass filter bandwidths 1 kHz - <8Hz
 Magnetic field range
±1300µT (x, y-axis), ±2500µT (z-axis)
Magnetic field resolution of ~0.3µT
 On-chip FIFO
Integrated FIFO with a depth of 32 frames
 On-chip interrupt controller
Motion-triggered interrupt-signal generation for
- new data (separate for accelerometer and magnetometer)
- any-motion (slope) detection
- tap sensing (single tap / double tap)
- orientation recognition
- flat detection
- low-g/high-g detection
- magnetic Low-/High-Threshold detection
 Ultra-low power
Low current consumption (190µA @ 10 Hz including
accelerometer and magnetic sensor in low power preset),
short wake-up time, advanced features for system power
management
 Temperature range
-40 °C … +85 °C
 RoHS compliant, halogen-free
Typical applications
 Tilt-compensated electronic compass for map rotation, navigation and augmented reality
 6-axis orientation for gaming
 Display profile switching
 Menu scrolling, tap / double tap sensing
 Pedometer / step counting
 Free-fall detection
 Drop detection for warranty logging
 Advanced system power management for mobile applications
 Gaming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com