Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 31Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 141 page
background image
Datasheet
eCompass BMC150
Page 28
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
After all enabled axes have been measured, complete data packages consisting of DATAX,
DATAY, DATAZ and RHALL are updated at once in the data registers. This way, it is prevented
that a following axis is updated while the first axis is still being read (axis mix-up) or that MSB
part of an axis is updated while LSB part is being read.
While reading from any data register, data register update is blocked. Instead, incoming new
data is written into shadow registers which will be written to data registers after the previous
read sequence is completed (i.e. upon stop condition in I²C mode, or CSB going high in SPI
mode, respectively). Hence, it is recommended to read out at all data at once (0x42 to 0x49 or
0x4A if status bits are also required) with a burst read.
Single bytes or axes can be read out, while in this case it is not assured that adjacent registers
are not updated during readout sequence.
The “Data ready status” bit (register 0x48 bit0) is set “1” when the data registers have been
updated but the data was not yet read out over digital interface. Data ready is cleared (set “0”)
directly after completed read out of any of the data registers and subsequent stop condition
(I²C) or lifting of CSB (SPI).
In addition, when enabled the “Data overrun” bit (register 0x4A bit7) turns “1” whenever data
registers are updated internally, but the old data was not yet read out over digital interface (i.e.
data ready bit was still high). The “Data overrun” bit is cleared when the interrupt status register
0x4A is read out. This function needs to be enabled separately by setting the “Data overrun En”
bit (register 0x4D bit7)).
Note:
Please also see chapter 7 for detailed register descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com