Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 50Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 51Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 52Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 53Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 54Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 141 page
background image
Datasheet
eCompass BMC150
Page 51
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.7.9 Low-g interrupt
This interrupt is based on the comparison of acceleration data against a low-g threshold, which
is most useful for free-fall detection.
The interrupt is enabled (disabled) by writing “1” (“0”) to the (0x17) low_en bit. There are two
modes available, ‘single’ mode and ‘sum’ mode. In ‘single’ mode, the acceleration of each axis
is compared with the threshold; in ‘sum’ mode, the sum of absolute values of all accelerations
|acc_x| + |acc_y| + |acc_z| is compared with the threshold. The mode is selected by the
contents of the (0x24) low_mode bit: “0” means ‘single’ mode, “1” means ‘sum’ mode.
The low-g threshold is set through the (0x23) low_th register. 1 LSB of (0x23) low_th always
corresponds to an acceleration of 7.81 mg (i.e. increment is independent from g-range setting).
A hysteresis can be selected by setting the (0x24) low_hy bits. 1 LSB of (0x24) low_hy always
corresponds to an acceleration difference of 125 mg in any g-range (as well, increment is
independent from g-range setting).
The low-g interrupt is generated if the absolute values of the acceleration of all axes (´and´
relation, in case of single mode) or their sum (in case of sum mode) are lower than the threshold
for at least the time defined by the (0x22) low_dur register. The interrupt is reset if the absolute
value of the acceleration of at least one axis (´or´ relation, in case of single mode) or the sum of
absolute values (in case of sum mode) is higher than the threshold plus the hysteresis for at
least one data acquisition. In bit (0x09) low_int the interrupt status is stored.
The relation between the content of (0x22) low_dur and the actual delay of the interrupt
generation is: delay [ms] = [(0x22) low_dur + 1] • 2 ms. Therefore, possible delay times range
from 2 ms to 512 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com