Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 141 page
background image
Datasheet
eCompass BMC150
Page 7
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
1. Specification
If not stated otherwise, the given values are over lifetime and full performance temperature and
voltage ranges, minimum/maximum values are ±3
. The specifications are split into
accelerometer part and magnetometer part of BMC150.
1.1 Compass electrical specification
Table 1: Compass electrical parameter specification
Compass Operating Conditions
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage
Internal Domains
VDD
1.62
2.4
3.6
V
Supply Voltage
I/O Domain
VDDIO
1.2
1.8
3.6
V
Voltage Input
Low Level
VIL,a
SPI & I²C
0.3VDDIO
-
Voltage Input
High Level
VIH,a
SPI & I²C
0.7VDDIO
-
Voltage Output
Low Level
VOL
VDDIO = 1.2V
IOL = 3mA, SPI & I²C
0.2VDDIO
-
Voltage Output
High Level
VOH
VDDIO = 1.62V
IOH = 2mA, SPI & I²C
0.8VDDIO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com