Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 36Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 37Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 38Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 39Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 40Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 41Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 42Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 43Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 141 page
background image
Datasheet
eCompass BMC150
Page 40
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.7.3 Electrical behavior (INT pin# to open-drive or push-pull)
Both interrupt pins can be configured to show the desired electrical behavior. The ´active´ level
of each interrupt pin is determined by the (0x20) int1_lvl and (0x20) int2_lvl bits.
If (0x20) int1_lvl = ´1´ (´0´) / (0x20) int2_lvl = ´1´ (´0´), then pin “INT1” / pin “INT2” is active ´1´
(´0´). The characteristic of the output driver of the interrupt pins may be configured with bits
(0x20) int1_od and (0x20) int2_od. By setting bits (0x20) int1_od / (0x20) int2_od to ´1´, the
output driver shows open-drive characteristic, by setting the configuration bits to ´0´, the output
driver shows push-pull characteristic.
4.7.4 New data interrupt
This interrupt serves for synchronous reading of acceleration data. It is generated after storing a
new value of z-axis acceleration data in the data register. The interrupt is cleared automatically
when the next data acquisition cycle starts. The interrupt status is ´0´ for at least 50µs.
The interrupt mode of the new data interrupt is fixed to non-latched.
It is enabled (disabled) by writing ´1´ (´0´) to bit (0x17) data_en. The interrupt status is stored in
bit (0x0A) data_int.
Due to the settling time of the filter, the first interrupt after wake-up from suspend or standby
mode will take longer than the update time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com