Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 76Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 77Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 78Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 80Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 81Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 82Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 83Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 141 page
background image
Datasheet
eCompass BMC150
Page 80
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6.10 Special control settings
Register 0x13 (ACCD_HBW)
Acceleration data acquisition and data output format.
Name
0x13
ACCD_HBW
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0 (1 in 8-bit
mode)
0
0
Content
data_high_bw
shadow_dis
reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
data_high_bw:
select whether ‘1´ unfiltered, or ‘0’ filtered data may be read from the
acceleration data registers.
Shadow_dis:
‘1´ disable, or ‘0’ the shadowing mechanism for the acceleration data
output registers. When shadowing is enabled, the content of the acceleration
data component in the MSB register is locked, when the component in the
LSB is read, thereby ensuring the integrity of the acceleration data during
read-out. The lock is removed when the MSB is read.
Reserved:
write ‘1’
Register 0x14 (BGW_SOFTRESET)
Controls user triggered reset of the sensor.
Name
0x14
BGW_SOFTRESET
Bit
7
6
5
4
Read/Write
W
W
W
W
Reset
Value
0
0
0
0
Content
softreset
Bit
3
2
1
0
Read/Write
W
W
W
W
Reset
Value
0
0
0
0
Content
softreset
softreset:
0xB6  triggers a reset. Other values are ignored. Following a delay, all user
configuration settings are overwritten with their default state or the setting
stored in the NVM, wherever applicable. This register is functional in all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com