Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 42Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 43Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 44Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 45Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 46Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 141 page
background image
Datasheet
eCompass BMC150
Page 46
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.7.7 Orientation recognition
The orientation recognition feature informs on an orientation change of the sensor with respect
to the gravitational field vector ‘g’. The measured acceleration vector components with respect
to the gravitational field are defined as shown in Figure 11.
Figure 11: Definition of vector components
Therefore, the magnitudes of the acceleration vectors are calculated as follows:
acc_x = 1g x sin
 x cos
acc_y = −1g x sin
 x sin
acc_z = 1g x cos
acc_y/acc_x = −tan
Depending on the magnitudes of the acceleration vectors the orientation of the device in the
space is determined and stored in the three (0x0C) orient bits. These bits may not be reset in
the sleep phase of low-power mode. There are three orientation calculation modes with different
thresholds for switching between different orientations: symmetrical, high-asymmetrical, and
low-asymmetrical. The mode is selected by setting the (0x2C) orient_mode bits as given in
Table 19.
Table 19: Orientation mode settings
(0x2C) orient_mode
Orientation Mode
00b
symmetrical
01b
high-asymmetrical
10b
low-asymmetrical
11b
symmetrical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com