Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 45Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 46Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 50Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 51Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 52Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 141 page
background image
Datasheet
eCompass BMC150
Page 49
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.7.7.1 Orientation blocking
The change of the (0x0C) orient value and – as a consequence – the generation of the interrupt
can be blocked according to conditions selected by setting the value of the (0x2C)
orient_blocking bits as described by Table 23.
Table 23: Blocking conditions for orientation recognition
(0x2C) orient_blocking
Conditions
00b
no blocking
01b
theta blocking
or
acceleration in any axis > 1.5g
10b
theta blocking
or
acceleration slope in any axis > 0.2 g
or
acceleration in any axis > 1.5g
11b
theta blocking
or
acceleration slope in any axis > 0.4 g
or
acceleration in any axis > 1.5g and
value of orient is not stable for at least
100 ms
The theta blocking is defined by the following inequality:
.
8
_
tan
theta
blocking
The parameter blocking_theta of the above given equation stands for the contents of the (0x2D)
orient_theta bits. It is possible to define a blocking angle between 0° and 44.8°. The internal
blocking algorithm saturates the acceleration values before further processing. As a
consequence, the blocking angles are strictly valid only for a device at rest; they can be different
if the device is moved.
Example:
To get a maximum blocking angle of 19° the parameter blocking_theta is determined in the
following way: (8 * tan(19°) )² = 7.588, therefore, blocking_value = 8dec = 001000b has to be
chosen.
In order to avoid unwanted generation of the orientation interrupt in a nearly flat position (z ~ 0,
sign change due to small movements or noise), a hysteresis of 0.2 g is implemented for the z-
axis, i. e. a after a sign change the interrupt is only generated after |z| > 0.2 g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com