Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 60Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 61Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 62Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 63Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 64Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 65Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 66Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 67Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 141 page
background image
Datasheet
eCompass BMC150
Page 64
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6. Accelerometer register description
6.1 General remarks
The entire communication with the device is performed by reading from and writing to registers.
Registers have a width of 8 bits; they are mapped to a common space of 64 addresses from
(0x00) up to (0x3F). Within the used range there are several registers which are either
completely or partially marked as ‘reserved’. Any reserved bit is ignored when it is written and
no specific value is guaranteed when read. It is recommended not to use registers at all which
are completely marked as ‘reserved’. Furthermore it is recommended to mask out (logical and
with zero) reserved bits of registers which are partially marked as reserved.
Registers with addresses from (0x00) up to (0x0E) are read-only. Any attempt to write to these
registers is ignored. There are bits within some registers that trigger internal sequences. These
bits are configured for write-only access, e. g. (0x21) reset_int or the entire (0x14) softreset
register, and read as value ´0´.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com