Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 65Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 66Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 67Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 68Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 69Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 70Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 71Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 72Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
Datasheet
eCompass BMC150
Page 69
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
Register 0x05 (ACCD_Y_MSB)
The register contains the most-significant bits of the Y-channel acceleration readout value.
When reading out Y-channel acceleration values, data consistency is guaranteed if the
ACCD_Y_LSB is read out before the ACCD_Y_MSB and shadow_dis=’0’. In this case, after the
ACCD_Y_LSB has been read, the value in the ACCD_Y_MSB register is locked until the
ACCD_Y_MSB has been read. This condition is inherently fulfilled if a burst-mode read access
is performed. Acceleration data may be read from register ACCD_Y_MSB at any time except
during power-up and in DEEP_SUSPEND mode.
Name
0x05
ACCD_Y_MSB
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
acc_y_msb<11:8>
Bit
3
2
1
0
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
acc_y_msb<7:4>
acc_y_msb<11:4>: Most significant 8 bits of acceleration readback value (two’s-complement
format)
Register 0x06 (ACCD_Z_LSB)
The register contains the least-significant bits of the Z-channel acceleration readout value.
When reading out Z-channel acceleration values, data consistency is guaranteed if the
ACCD_Z_LSB is read out before the ACCD_Z_MSB and shadow_dis=’0’. In this case, after the
ACCD_Z_LSB has been read, the value in the ACCD_Z_MSB register is locked until the
ACCD_Z_MSB has been read. This condition is inherently fulfilled if a burst-mode read access
is performed. Acceleration data may be read from register ACCD_Z_LSB at any time except
during power-up and in DEEP_SUSPEND mode.
Name
0x06
ACCD_Z_LSB
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
acc_z_lsb<3:0>
Bit
3
2
1
0
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
undefined
undefined
‘0’
new_data_z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com