Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 141 page
background image
Datasheet
eCompass BMC150
Page 8
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
1.2 Accelerometer specification
Table 2: Accelerometer parameter specification
ACCELEROMETER Operating Conditions
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Acceleration
Range
gFS2g
Selectable
via serial digital
interface
±2
g
gFS4g
±4
g
gFS8g
±8
g
gFS16g
±16
g
Total Supply
Current in
Normal Mode
IDD
TA=25°C, bw = 1kHz
130
µA
Total Supply
Current in
Low-Power Mode
1
IDDlp1
TA=25°C, bw = 1kHz
sleep duration ≥
25ms
6
µA
Total Supply
Current in
Low-Power Mode
2
IDDlp2
TA=25°C, bw = 1kHz
sleep duration ≥
25ms
55
µA
Total Supply
Current in
Deep Suspend
Mode
IDDsm,a
TA=25°C
0.5
µA
Total Supply
Current in
Suspend Mode
IDDsum
TA=25°C
1.6
µA
Total Supply
Current in
Standby Mode
IDDsbm
TA=25°C
45
µA
Wake-Up Time 1
tw_up,a1
from Low-power
Mode 1 or Suspend
Mode or Deep
Suspend Mode
bw = 1kHz
1.3
ms
Wake-Up Time 2
tw_up,a2
from Low-power
Mode 2 or Stand-by
Mode
bw = 1kHz
1.0
µs
Start-Up Time
ts_up,a
POR, bw = 1kHz
3
ms
Non-volatile
memory (NVM)
write-cycles
nNVM
15
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com