Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 75Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 76Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 77Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 78Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 80Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 81Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 82Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 141 page
background image
Datasheet
eCompass BMC150
Page 79
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
lowpower_mode: select ‘0’  LPM1, or ‘1´  LPM2 configuration for SUSPEND and
LOW_POWER mode. In the LPM1 configuration the power consumption in
LOW_POWER mode and SUSPEND mode is significantly reduced when
compared to LPM2 configuration, but the FIFO is not accessible and writing
to registers must be slowed down. In the LPM2 configuration the power
consumption in LOW_POWER mode is reduced compared to NORMAL
mode, but the FIFO is fully accessible and registers can be written to at full
speed.
Sleeptimer_mode: when in LOW_POWER mode ‘0’  use event-driven time-base mode
(compatible with BMA250), or ‘1´  use equidistant sampling time-base
mode. Equidistant sampling of data into the FIFO is maintained in equidistant
time-base mode only.
Reserved:
write ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com