Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 72Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 73Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 74Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 75Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 76Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 77Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 78Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 141 page
background image
Datasheet
eCompass BMC150
Page 76
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6.7 g-range selection
Register 0x0F (PMU_RANGE)
The register allows the selection of the accelerometer g-range.
Name
0x0F
PMU_RANGE
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
0
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
1
1
Content
range<3:0>
range<3:0>:
Selection of accelerometer g-range:
´0011b´  ±2g range;
´0101b´  ±4g range; ´1000b´  ±8g range;
´1100b´  ±16g range; all other settings  ±2g range
reserved:
write ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com