Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 73Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 74Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 75Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 76Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 77Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 78Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 79Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 80Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 141 page
background image
Datasheet
eCompass BMC150
Page 77
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6.8 Bandwidths
Register 0x10 (PMU_BW)
The register allows the selection of the acceleration data filter bandwidth.
Name
0x10
PMU_BW
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
bw<4>
0
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
1
1
1
Content
bw<3:0>
bw<3:0>:
Selection of data filter bandwidth:
´00xxxb´  7.81 Hz,
´01000b´  7.81 Hz, ´01001b´  15.63 Hz,
´01010b´  31.25 Hz,
´01011b´  62.5 Hz, ´01100b´  125 Hz,
´01101b´  250 Hz,
´01110b´  500 Hz, ´01111b´  1000 Hz,
´1xxxxb´  1000 Hz
reserved:
write ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com