Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 18Page - Texas Instruments LP3972 Datasheet HTML 19Page - Texas Instruments LP3972 Datasheet HTML 20Page - Texas Instruments LP3972 Datasheet HTML 21Page - Texas Instruments LP3972 Datasheet HTML 22Page - Texas Instruments LP3972 Datasheet HTML 23Page - Texas Instruments LP3972 Datasheet HTML 24Page - Texas Instruments LP3972 Datasheet HTML 25Page - Texas Instruments LP3972 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
msb Register Add lsb
msb Chip Address lsb
start
ack
w
msb
DATA1
lsb
ack
ack
ack
ack
stop
ack from slave
ack from slave
ack from slave
ack from slave
ack from slave
Register 0x24
Data (reg_0x24)
msb
DATA2
lsb
msb
DATA3
lsb
Data (reg_0x25)
Data (reg_0x26)
msb Register Add lsb
msb Chip Address lsb
start
ack
w
msb
DATA
lsb
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
ack
stop
ack from slave
ack from slave
ack from slave
ack from slave
ack from slave
Register 0x24
Register 0x2A
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
MULTI-BYTE I2C COMMAND SEQUENCE
To correctly function with the Monahan’s Power Management I2C the LP3972’s I2C serial interface shall support
Random register Multi-byte command sequencing: During a multi-byte write the Master sends the Start command
followed by the Device address, which is sent only once, followed by the 8 Bit register address, then 8 bits of
data. The I2C slave must then accept the next random register address followed by 8 bits of data and continue
this process until the master sends a valid stop condition.
A Typical Multi-byte random register transfer is outlined below:
Device Address,
Register A Address, Ach,
Register A Data, Ach
Register M Address, Ach,
Register M Data, Ach
Register X Address, Ach,
Register X Data, Ach
Register Z Address, Ach,
Register Z Data, Ach, Stop
Note: The PMIC is not required to see the I2C device address for each transaction. A, M, X, and Z are Random
numbers.
Figure 24.
INCREMENTAL REGISTER I2C COMMAND SEQUENCE
The LP3972 supports address increment (burst mode). When you have defined register address n data bytes
can be sent and register address is incremented after each data byte has been sent. Address incrimination may
be required for non XScale applications. User can define whether multi-byte (default) to random address or
address incrimination will be used.
Figure 25.
LP3972 CONTROL REGISTER
Register Address
Register Name
Read/Write
Register Description
8h’07
SCR
R/W
System Control Register
8h’10
OVER1
R/W
Output Voltage Enable Register 1
8h’11
OVSR1
R
Output Voltage Status Register 1
8h’12
OVER2
R/W
Output Voltage Enable Register 2
8h’13
OVSR2
R
Output Voltage Status Register 2
8h’20
VCC1
R/W
Voltage Change Control Register
1
8h’23
ADTV1
R/W
Buck1 Target Voltage 1 Register
8h’24
ADTV2
R/W
Buck1 DVM Target Voltage 2
Register
22
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com