Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 29Page - Texas Instruments LP3972 Datasheet HTML 30Page - Texas Instruments LP3972 Datasheet HTML 31Page - Texas Instruments LP3972 Datasheet HTML 32Page - Texas Instruments LP3972 Datasheet HTML 33Page - Texas Instruments LP3972 Datasheet HTML 34Page - Texas Instruments LP3972 Datasheet HTML 35Page - Texas Instruments LP3972 Datasheet HTML 36Page - Texas Instruments LP3972 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Bit
Access
Name
Description
5
R/W
BPTR
Bypass LDO_RTC Output Voltage to LDO3 Output Voltage Tracking
0 - LDO_RTC3 Tracking enabled
1 - LDO_RTC3 Tracking disabled, Default
4
R/W
WUP3
Spare Wakeup control input
0 - Active High
1 - Active Low
3:2
R/W
GPIO2
Configure direction and output sense of GPIO2 Pin
Data Code
GPIO2
2h’00
Hi-Z
2h’01
Output Low
2h’02
Input
2h’03
Output high
1:0
R/W
GPIO1
Configure direction and output sense of GPIO1 Pin
Data Code
GPIO1
2h’00
Hi-Z
2h’01
Output Low
2h’02
Input
2h’03
Output high
OUTPUT ENABLE 3 REGISTER (OEN3) 8H’82
Bit
7
6
5
4(1)
3
2(1)
1
0(1)
Designation
Reserved
B3EN
ENFLAG
B2EN
Reserved
L1EN
Reset Value
0
0
0
1
0
1
0
1
(1)
One time factory programmable EPROM registers for default values
OUTPUT ENABLE 3 REGISTER (OEN3) 8H’82 DEFINITIONS
Bit
Access
Name
Description
7:5
—
—
Reserved
4
R/W
B3EN
VCC_Buck3 Supply Output Enabled
0 = VCC_Buck3 Supply Output Disabled
1 = VCC_Buck3 Supply Output Enabled, Default
3
R/W
ENFLAG
Enable for Temperature Flags (BCT)
0 = Temperature Flag Disabled
1 = Temperature Flag Enabled
2
R/W
B2EN
VCC_Buck2 Supply Output Enabled
0 = VCC_Buck2 Supply Output Disabled
1 = VCC_Buck2 Supply Output Enabled, Default
1
—
—
Reserved
0
R/W
L1EN
LDO1 (MVT)Output Voltage Enable
0 = LDO1 Supply Output Disabled
1 = LDO1 Supply Output Enabled, Default
STATUS REGISTER 3 (OSR3) 8H’83
Bit
7
6
5
4
3
2
1
0
Designation
BT_OK
B3_OK
B2_OK
LDO1_OK
Reserved
BCT2
BCT1
BCT0
Reset Value
0
0
0
0
0
0
0
0
STATUS REGISTER 3 (OSR3) DEFINITIONS 8H’83
Bit
Access
Name
Description
7
R
BT_OK
Bucks 2-3 Supply Output Voltage Status
0 - (Bucks 1-3) output voltage < 90% Default value
1 - (Bucsk 1-3) output voltage > 90% Default value
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com