Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 36Page - Texas Instruments LP3972 Datasheet HTML 37Page - Texas Instruments LP3972 Datasheet HTML 38Page - Texas Instruments LP3972 Datasheet HTML 39Page - Texas Instruments LP3972 Datasheet HTML 40Page - Texas Instruments LP3972 Datasheet HTML 41Page - Texas Instruments LP3972 Datasheet HTML 42Page - Texas Instruments LP3972 Datasheet HTML 43Page - Texas Instruments LP3972 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
POWER DOMAIN ENABLES
PMU Output
HW Enable
SW Enable
LDO_RTC
—
—
LDO1 (VCC_MVT)
SYS_EN
LDO1_EN
LDO2
SYS_EN
LDO2_EN
LDO3
SYS_EN
LDO3_EN
LDO4
SYS_EN
LDO4_EN
LDO5 (VCC_SRAM)
PWR_EN
S_EN
Buck1 (VCC_APPS)
PWR_EN
A_EN
BUCK2
SYS_EN
B2_EN
BUCK3
SYS_EN
B3_EN
POWER DOMAINS SEQUENCING (DELAY)
By default SYS_EN must be on to have PWR_EN enable but this feature can be switched off by register bit
BP_SYS.
By default SYS_EN enables LDO1 always first and after a typical of 1 ms delay others. Also when SYS_EN is
set off the LDO1 will go off last. This function can be switched off or delay can be changed by DELAY bits via
serial interface as seen on table below.
8h’80 Bit 5:4
DELAY bits
‘00’
‘01’
‘10’
‘11’
Delay, ms
0
0.5
1.0
1.5
LDO_RTC TRACKING (nIO_TRACK)
LP3972 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage will track LDO3 voltage within
200 mV down to 2.8V when LDO3 is enabled. This function can be switched on/off by nIO_TRACK register bit
BPTR.
POWER SUPPLY ENABLE
SYS_EN and PWR_EN can be changed by programmable register bits.
WAKE-UP FUNCTIONALITY (PWR_ON, nTEST_JIG, SPARE AND EXT_WAKEUP)
Three input pins can be used to assert wakeup output for 10 ms for application processor notification to wakeup.
SPARE Input can be programmed through I2C compatible interface to be active low or high (SPARE bit, Default
is active low ‘1’). A reason for wakeup event can be read through I2C compatible interface also. Additionally
wakeup inputs have 30 ms de-bounce filtering. Furthermore PWR_ON have distinguishing between short and
long (
∼1s) pulses (push button input). LP3972 also has an internal Thermal Shutdown early warning that
generates a wakeup to the system also. This is generated usually at 125°C.
40
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com