Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 28Page - Texas Instruments LP3972 Datasheet HTML 29Page - Texas Instruments LP3972 Datasheet HTML 30Page - Texas Instruments LP3972 Datasheet HTML 31Page - Texas Instruments LP3972 Datasheet HTML 32Page - Texas Instruments LP3972 Datasheet HTML 33Page - Texas Instruments LP3972 Datasheet HTML 34Page - Texas Instruments LP3972 Datasheet HTML 35Page - Texas Instruments LP3972 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
NSC DEFINED CONTROL AND STATUS REGISTERS
SYSTEM CONTROL REGISTER 1 (SCR1)
System Control Register 1 (SCR1) 8h’80
Bit
7(1)
6(1)
5(1)
4
3
2
1
0
Designation
BPSEN
SENDL
FPWM3
FPWM2
FPWM1
BK_SLOMOD
BK_SSEN
Reset Value
0
1
0
0
0
0
0
0
(1)
One-time factory programmable EPROM registers for default values
System Control Register 1 (SCR1) 8h’80 Definitions
Bit
Access
Name
Description
7
R/W
BPSEN
Bypass System enable safety Lock. Prevents activation of PWR_EN
when SYS_EN is low.
0 = PWR_EN "AND" with SYS_EN signal, Default
1 = PWR_EN independent of SYS_EN
Delay time for High Voltage Power Domains LDO2, LDO3, LDO4,
Buck2, and Buck3 after activation of SYS_EN. VCC_LDO1 has no
delay.
Data Code
Delay (ms)
6:5
R/W
SENDL
2h’0
0.0
2h’1
0.5
2h’2
1.0 (Default)
2h’3
1.4
4
R/W
FPWM3
Buck3 PWM/PFM Mode select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
3
R/W
FPWM2
Buck2 PWM/PFM Mode select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
2
R/W
FPWM1
Buck1 PWM/PFM Mode select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
1
R
BK_SLOMOD
Buck Spread Spectrum Modulation Bucks 1-3
0 = 10 kHz triangular wave spread spectrum modulation
1 = 2 kHz triangular wave spread spectrum modulation
0
R
BK_SSEN
Spread spectrum function Bucks 1-3
0 = SS Output Disabled
1 = SS Output Enabled
SYSTEM CONTROL REGISTER 2 (SCR2)
System Control Register 2 (SCR2) 8h’81
Bit
7
6
5(1)
4
3
2
1
0
Designation
BBCS
SHBU
BPTR
WUP3
GPIO2
GPIO1
1
0
1
1
0
0
1
0
(1)
One time factory programmable EPROM registers for default values
System Control Register 2 (SCR2) 8h’81 Definitions
Bit
Access
Name
Description
7
R/W
BBCS
Sets GPIO1 as control input for Back Up battery charger
0 - Back Up battery Charger GPIO Disabled
1 - Back Up battery Charger GPIO Pin Enabled
Shut down Back up battery to prevent battery drain during shipping
6
R/W
SHBU
0 = Back up Battery Enabled
1 = Back up battery Disabled
32
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com