Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 32Page - Texas Instruments LP3972 Datasheet HTML 33Page - Texas Instruments LP3972 Datasheet HTML 34Page - Texas Instruments LP3972 Datasheet HTML 35Page - Texas Instruments LP3972 Datasheet HTML 36Page - Texas Instruments LP3972 Datasheet HTML 37Page - Texas Instruments LP3972 Datasheet HTML 38Page - Texas Instruments LP3972 Datasheet HTML 39Page - Texas Instruments LP3972 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
Bit
7
6
5
4
3
2
1
0
Reset Value
1
0
1
0
1
0
1
0
Buck3:2 Voltage Ramp Control Register (B3RC) 8h’87 Definitions
Bit
Access
Name
Description
7:4
R/W
B3RR
Data Code
Ramp Rate mV/µS
4h’0
Instant
4h’1
1
4h’2
2
4h’3
3
4h’4
4
4h’5
5
4h’6
6
4h’7
7
4h’8
8
4h’9
9
4h’A
10
3:0
R/W
B2RR
Data Code
Ramp Rate mV/µS
4h’0
Instant
4h’1
1
4h’2
2
4h’3
3
4h’4
4
4h’5
5
4h’6
6
4h’7
7
4h’8
8
4h’9
9
4h’A
10
INTERRUPT STATUS REGISTER ISRA
This register specifies the status bits for the interrupts generated by the PMIC. Thermal warning of the IC,
GPIO1, GPIO2, PWR_ON pin, TEST_JIG factory programmable on signal, and the SPARE pin.
Interrupt Status Register ISRA 8h’88
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
T125
GPI2
GPI1
WUP3
WUP2
WUPT
WUPS
Reset Value
0
0
0
0
0
0
0
0
Interrupt Status Register ISRA 8h’88 Definitions
Bit
Access
Name
Description
7
—
—
Reserved
6
R
T125
Status bit for thermal warning PMIC T>125C
0 = PMIC Temp. < 125°C
1 = PMIC Temp. > 125°C
5
R
GPI2
Status bit for the input read in from GPIO 2 when set as Input
0 = GPI2 Logic Low
1 = GPI2 Logic High
4
R
GPI1
Status bit for the input read in from GPIO 1 when set as Input
0 = GPI1 Logic Low
1 = GPI1 Logic High
3
R
WUP3
PWR_ON Pin long pulse Wake Up Status
0 = No wake up event
1 = Long pulse wake up event
2
R
WUP2
PWR_ON Pin Short pulse Wake Up Status
0 = No wake up event
1 = Short pulse wake up event
36
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com