Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 20Page - Texas Instruments LP3972 Datasheet HTML 21Page - Texas Instruments LP3972 Datasheet HTML 22Page - Texas Instruments LP3972 Datasheet HTML 23Page - Texas Instruments LP3972 Datasheet HTML 24Page - Texas Instruments LP3972 Datasheet HTML 25Page - Texas Instruments LP3972 Datasheet HTML 26Page - Texas Instruments LP3972 Datasheet HTML 27Page - Texas Instruments LP3972 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
OUTPUT VOLTAGE ENABLE REGISTER 1
This register enables or disables the low voltage supplies LDO1 and Buck1. See details below.
Output Voltage Enable Register 1 (OVER1) 8h’10
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
S_EN
Reserved
A_EN
Reset Value
0
0
0
0
0
1
0
1
Output Voltage Enable Register 1 (OVER1) 8h’10 Definitions
Bit
Access
Name
Description
7-3
—
—
Reserved
2
R/W
S_EN
VCC_SRAM (LDO5) Supply Output Enabled
0 = VCC_SRAM (LDO5) Supply Output Disabled
1 = VCC_SRAM (LDO5) Supply Output Enabled
1
—
—
Reserved
0
R/W
A_EN
VCC_APPS (Buck1) Supply Output Enabled
0 = VCC_APPS (Buck1) Supply Output Disabled
1 = VCC_APPS (Buck1) Supply Output Enabled
OUTPUT VOLTAGE STATUS REGISTER
This 8 bit register is used to indicate the status of the low voltage supplies. By polling each of the specify
supplies is within its specified operating range.
Output Voltage Status Register 1 (OVSR1) 8h’11
Bit
7
6
5
4
3
2
1
0
Designation
LP_OK
Reserved
S_OK
Reserved
A_OK
Reset Value
0
0
0
0
0
0
0
0
Output Voltage Status Register 1 (OVSR1) 8h’11 Definitions
Bit
Access
Name
Description
7
R
LP_OK
Low Voltage Supply Output Voltage Status
0 - VCC_APPS (Buck1) & VCC_SRAM (LDO5) output voltage < 90% of
selected value
1 - VCC_APPS (Buck1) & VCC_SRAM (LDO5) output voltage > 90% of
selected value
6:3
—
—
Reserved
2
R
S_OK
VCC_SRAM Supply Output Voltage Status
0 - VCC_SRAM (LDO5) output voltage < 90% of selected value
1 - VCC_SRAM (LDO5) output voltage > 90% of selected value
1
—
—
Reserved
0
R
A_OK
VCC_APPS Supply output Voltage Status
0 - VCC_APPS (Buck1) output voltage < 90% of selected value
1 - VCC_APPS (Buck1) output voltage > 90% of selected value
24
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com