Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 34Page - Texas Instruments LP3972 Datasheet HTML 35Page - Texas Instruments LP3972 Datasheet HTML 36Page - Texas Instruments LP3972 Datasheet HTML 37Page - Texas Instruments LP3972 Datasheet HTML 38Page - Texas Instruments LP3972 Datasheet HTML 39Page - Texas Instruments LP3972 Datasheet HTML 40Page - Texas Instruments LP3972 Datasheet HTML 41Page - Texas Instruments LP3972 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
0
0
0
1
0
0
0
0
Register Address
Ack
OVER1 (8Z[10)
0
0
0
0
0
1
1
1
Data
Ack
Register Data (00000111)
0
0
1
0
1
0
0
1
Register Address
Ack
SDTV1 (8Z[29)
0
0
0
1
1
0
1
1
Data
Ack
Register Data (00011011)
0
0
1
0
0
0
1
1
Register Address
Ack
ADTV1 (8Z[23)
0
0
0
1
1
0
1
1
Data
Ack
Register Data (00011011)
0
1
1
0
1
0
0
0
Device ID
Ack
Stop
Start
W
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
MARVELL PXA INTERNAL 2 REVISION REGISTER (II2RR) 8H’8F
Bit
7
6
5
4
3
2
1
0
Designation
II2RR
Reset Value
0
0
0
0
0
0
0
0
MARVELL PXA INTERNAL 2 REVISION REGISTER (II2RR) 8H’8F DEFINITIONS
Bit
Access
Name
Description
7:0
R
II2RR
Intel internal usage register for revision information.
REGISTER PROGRAMMING EXAMPLES
Example 1) Start of Day Sequence
PMIC Register
PMIC Register
Register Data
Description
Address
Name
8h’23
ADTVI
00011011
Sets the SOD VCC_APPS voltage
8h’29
SDTV1
00011011
Sets the SOD VCC_SRAM voltage
8h’10
OVER1
00000111
Enables VCC_SRAM and VCC_APPS to their programmed values.
SODl Multi-byte random register transfer is outlined below:
Figure 26.
Device Address,
Register A Address, Ach,
Register A Data, Ach
Register M Address, Ach,
Register M Data, Ach
Register X Address, Ach,
Register X Data, Ach
Register Z Address, Ach,
Register Z Data, Ach, Stop
38
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com