Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 25Page - Texas Instruments LP3972 Datasheet HTML 26Page - Texas Instruments LP3972 Datasheet HTML 27Page - Texas Instruments LP3972 Datasheet HTML 28Page - Texas Instruments LP3972 Datasheet HTML 29Page - Texas Instruments LP3972 Datasheet HTML 30Page - Texas Instruments LP3972 Datasheet HTML 31Page - Texas Instruments LP3972 Datasheet HTML 32Page - Texas Instruments LP3972 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
LDO5 (VCC_SRAM) TARGET VOLTAGE 2 REGISTER
LDO5 (VCC_SRAM) Target Voltage 2 Register (SDTV2) 8h’2A
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
LDO 5 Output Voltage (L5OV)
Reset Value
0
0
0
0
1
0
1
1
LDO5 (VCC_SRAM) Target Voltage 2 Register (SDTV2) 8h’2A Definitions
Bit
Access
Name
Description
7:5
—
—
Reserved
4:0
R/W
B1OV
Data Code
Output Voltage
Data Code
Output Voltage
5h’0
—
5h’10
1.125
5h’1
—
5h’11
1.150
5h’2
—
5h’12
1.175
5h’3
—
5h’13
1.200
5h’4
—
5h’14
1.225
5h’5
0.850
5h’15
1.250
5h’6
0.875
5h’16
1.275
5h’7
0.900
5h’17
1.300
5h’8
0.925
5h’18
1.325
5h’9
0.950
5h’19
1.350
5h’A
0.975
5h’1A
1.375
5h’B
1.000
5h’1B
1.400
5h’C
1.025
5h’1C
1.425
5h’D
1.050
5h’1D
1.450
5h’E
1.075
5h’1E
1.475
5h’F
1.100
5h’1F
1.500
VCC_MVT is low tolerance regulated power supply for the application processor ring oscillator and logic for
communicating to the LP3972. VCC_MVT is enabled when SYS_EN is asserted and disabled when SYS_EN is
deasserted.
LDO1 (VCC_MVT) TARGET VOLTAGE 1 REGISTER (MDTV1)
LDO1 (VCC_MVT) Target Voltage 1 Register (MDTV1) 8h’32
Bit
7
6
5
4(1)
3(1)
2(1)
1(1)
0(1)
Designation
Reserved
Output Voltage (OV)
Reset Value
0
0
0
0
0
1
0
0
(1)
One-time factory programmable EPROM registers for default values
LDO1 (VCC_MVT) Target Voltage 1 Register (MDTV1) 8h’32 Definitions
Bit
Access
Name
Description
7:5
—
—
Reserved
4:0
R/W
L1OV
Data Code
Output Voltage
Notes:
5h’0
1.700
5h’1
1.725
5h’2
1.750
5h’3
1.775
5h’4
1.800
5h’5
1.825
5h’6
1.850
5h’7
1.875
5h’8
1.900
5h’9
1.925
5h’A
1.950
5h’B
1.975
5h’C
2.000
5h’D-5h’F
Reserved
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com