Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 19Page - Texas Instruments LP3972 Datasheet HTML 20Page - Texas Instruments LP3972 Datasheet HTML 21Page - Texas Instruments LP3972 Datasheet HTML 22Page - Texas Instruments LP3972 Datasheet HTML 23Page - Texas Instruments LP3972 Datasheet HTML 24Page - Texas Instruments LP3972 Datasheet HTML 25Page - Texas Instruments LP3972 Datasheet HTML 26Page - Texas Instruments LP3972 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Register Address
Register Name
Read/Write
Register Description
8h’25
AVRC
R/W
VCC_APPS Voltage Ramp
Control
8h’26
CDTC1
W
Dummy Register
8h’27
CDTC2
W
Dummy Register
8h’29
SDTV1
R/W
LDO5 Target Voltage 1
8h’2A
SDTV2
R/W
LDO5 Target Voltage 2
8h’32
MDTV1
R/W
LDO1 Target Voltage 1 Register
8h’33
MDTV2
R/W
LDO1 Voltage 2 Register
8h’39
L2VCR
R/W
LDO2 Voltage Control Registers
8h’3A
L34VCR
R/W
LDO3 & LDO4 Voltage Control
Registers
8h’80
SCR1
R/W
System Control Register 1
8h’81
SCR2
R/W
System Control Register 2
8h’82
OEN3
R/W
Output Voltage Enable Register 3
8h’83
OSR3
R/W
Output Voltage Status Register 3
8h’84
LOER4
R/W
Output Voltage Enable Register 3
8h’85
B2TV
R/W
VCC_Buck2 Target Voltage
8h’86
B3TV
R/W
VCC_Buck3 Target Voltage
8h’87
B32RC
R/W
Buck 3:2 Voltage Ramp Control
8h’88
ISRA
R
Interrupt Status Register A
8h’89
BCCR
R/W
Backup Battery Charger Control
Register
8h’8E
II1RR
R
Internal 1 Revision Register
8h’8F
II2RR
R
Internal 2 Revision Register
SERIAL INTERFACE REGISTER SELECTION CODES (Bold face voltages are default values)
System Control Status Register
Register is an 8-bit register which specifies the control bits for the PMIC clocks. This register works in
conjunction with the SYNC pin where an external clock PLL buffer operating at 13 MHz is synchronized with the
oscillators of the buck converters.
System Control Register (SCR) 8h’07
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
CLK_SCL
Reset Value
0
0
0
0
0
0
0
0
System Control Register (SCR) 8h’07 Definitions
Bit
Access
Name
Description
7-1
—
—
Reserved
0
R/W
CLK_SCL
External Clock Select
0 = Internal Oscillator clock for Buck Converters
1 = External 13 MHz Oscillator clock for Buck Converters
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com