Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 6Page - Texas Instruments LP3972 Datasheet HTML 7Page - Texas Instruments LP3972 Datasheet HTML 8Page - Texas Instruments LP3972 Datasheet HTML 9Page - Texas Instruments LP3972 Datasheet HTML 10Page - Texas Instruments LP3972 Datasheet HTML 11Page - Texas Instruments LP3972 Datasheet HTML 12Page - Texas Instruments LP3972 Datasheet HTML 13Page - Texas Instruments LP3972 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
LDOs 1 to 5 (continued)
Unless otherwise noted, VIN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF, COUT (VRTC) = 1.0 µF ceramic. Typical values and limits
appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature
range for operation,
−40°C to +125°C.
(1) (2) (3) (4) (5) (6) and (7).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TON
Turn On Time
Start up from Shut-down
300
µsec
COUT
Output Capacitor
Capacitance for Stability
0.33
0.47
0°C
≤ TJ ≤ 125°C
µF
−40°C ≤ TJ ≤ 125°C
0.68
1.0
ESR
5
500
m
Ω
10
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com