Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 5Page - Texas Instruments LP3972 Datasheet HTML 6Page - Texas Instruments LP3972 Datasheet HTML 7Page - Texas Instruments LP3972 Datasheet HTML 8Page - Texas Instruments LP3972 Datasheet HTML 9Page - Texas Instruments LP3972 Datasheet HTML 10Page - Texas Instruments LP3972 Datasheet HTML 11Page - Texas Instruments LP3972 Datasheet HTML 12Page - Texas Instruments LP3972 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
LDO RTC (continued)
Unless otherwise noted, VIN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF, COUT (VRTC) = 1.0 µF ceramic. Typical values and limits
appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature
range for operation,
−40°C to +125°C.
(1) (2) (3) and (4)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ΔVOUT
Line Regulation
VIN = (VOUT nom + 1.0V) to 5.5V
(5) Load
0.15
%/V
Current = 1 mA
Load Regulation
From Main Battery
0.05
Load Current = 1 mA to 30 mA
%/mA
From Backup Battery
0.5
VIN = 3.0V
Load Current = 1 mA to 10 mA
ISC
Short Circuit Current Limit
From Main Battery
100
VIN = VOUT +0.3V to 5.5V
mA
From Backup Battery
30
VIN - VOUT
Dropout Voltage
Load Current = 10 mA
375
mV
IQ_Max
Maximum Quiescent Current
IOUT = 0 mA
30
µA
TP1
RTC LDO Input Switched from
VIN Falling
2.9
V
Main Battery to Backup Battery
TP2
RTC LDO Input Switched from
VIN Rising
3.0
V
Backup Battery to Main Battery
CO
Output Capacitor
Capacitance for Stability
0.7
1.0
µF
ESR
5
500
m
Ω
(5)
VIN minimum for line regulation values is 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5. Condition does not apply to input voltages
below the minimum input operating voltage.
LDOs 1 to 5
Unless otherwise noted, VIN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF, COUT (VRTC) = 1.0 µF ceramic. Typical values and limits
appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature
range for operation,
−40°C to +125°C.
(1) (2) (3) (4) (5) (6) and (7).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT Accuracy Output Voltage Accuracy
Load Current = 1 mA
−3
3
%
(Default VOUT)
ΔVOUT
Line Regulation
VIN =3.1V to 5.0V,
(5),
0.15
%/V
Load Current = 1 mA
Load Regulation
VIN = 3.6V,
0.011
%/mA
Load Current = 1 mA to IMAX
ISC
Short Circuit Current Limit
LDO1–4, VOUT = 0V
400
mA
LDO5, VOUT = 0V
500
VIN - VOUT
Dropout Voltage
Load Current = 50 mA (3)
150
mV
PSRR
Power Supply Ripple Rejection
f = 10 kHz, Load Current = IMAX
45
dB
IQ
Quiescent Current "On"
IOUT = 0 mA
40
Quiescent Current "On"
IOUT = IMAX
60
µA
Quiescent Current "Off"
EN is de-asserted
0.03
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
(4)
LDO_RTC voltage can track LDO3 voltage. LP3972 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage will track
LDO3 voltage within 200mV down to 2.8V when LDO3 is enabled
(5)
VIN minimum for line regulation values is 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5. Condition does not apply to input voltages
below the minimum input operating voltage.
(6)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(7)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for input voltages below 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com