Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 39Page - Texas Instruments LP3972 Datasheet HTML 40Page - Texas Instruments LP3972 Datasheet HTML 41Page - Texas Instruments LP3972 Datasheet HTML 42Page - Texas Instruments LP3972 Datasheet HTML 43Page - Texas Instruments LP3972 Datasheet HTML 44Page - Texas Instruments LP3972 Datasheet HTML 45Page - Texas Instruments LP3972 Datasheet HTML 46Page - Texas Instruments LP3972 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
flag2
flag1
flag3
flag4
flag5
flag6
2) Binary coded thermal management flags in status registers, bct<2:0>:
Temp 125
oC
Warning flag
1) Thermal warning flag @ Temp ~ > ~125
oC is issued at the wakeup port:
~30
oC hysteresis
17
oC
cool
20
oC
43
oC
46
oC
62
oC 65oC 83oC 86oC
Temp
106
oC 108oC 128oC 130oC
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Figure 29.
Application Note - LP3972 Reset Sequence
INITIAL COLD START POWER ON SEQUENCE
1. The Back up battery is connected to the PMU, power is applied to the back-up battery pin, the LDO_RTC
turns on and supplies a stable output voltage to the VCC_BATT pin of the Applications processor (initiating
the power-on reset event) with nRSTO asserted from the LP3972 to the processor.
2. nRSTO de-asserts after a minimum of 50 mS.
3. The Applications processor waits for the de-assertion of nBATT_FLT to indicate system power (VIN) is
available.
4. After system power (VIN) is applied, the LP3972 de-asserts nBATT_FLT. Note that BOTH nRSTO and
nBATT_FLT need to be de-asserted before SYS_EN is enabled. The sequence of the two signals is
independent of each other.
5. The Applications processor asserts SYS_EN, the LP3972 enables the system high-voltage power supplies.
The Applications processor starts its countdown timer set to 125 mS.
6. The LP3972 enables the high-voltage power supplies.
–
LDO1 power for VCC_MVT (Power for internal logic and I/O Blocks), BG (Bandgap reference voltage),
OSC13M (13 MHz oscillator voltage) and PLL enabled first, followed by others if delay is on.
7. Countdown timer expires; the Applications processor asserts PWR_EN to enable the low-voltage power
supplies. The processor starts the countdown timer set to 125 mS period.
8. The Applications processor asserts PWR_EN (ext. pin or I2C), the LP3972 enables the low-voltage
regulators.
9. Countdown timer expires; If enabled power domains are OK (I2C read) the power up sequence continues by
enabling the processors 13 MHz oscillator and PLL’s.
10. The Applications processor begins the execution of code.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com