Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 11Page - Texas Instruments LP3972 Datasheet HTML 12Page - Texas Instruments LP3972 Datasheet HTML 13Page - Texas Instruments LP3972 Datasheet HTML 14Page - Texas Instruments LP3972 Datasheet HTML 15Page - Texas Instruments LP3972 Datasheet HTML 16Page - Texas Instruments LP3972 Datasheet HTML 17Page - Texas Instruments LP3972 Datasheet HTML 18Page - Texas Instruments LP3972 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Logic Outputs (nRSTO, EXT_WAKEUP and GPO's)
Symbol
Parameter
Test Conditions
Min
Max
Unit
VOL
Output Low Level
Load = +0.2 mA = IOL Max
0.5
V
VOH
Output High Level
Load =
−0.1 mA = IOL Max
VRTC − 0.5V
V
ILEAK
Output Leakage Current
VON = VIN
+5
µA
Logic Output (nBATT_FLT)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
nBATT_FLT Threshold Voltage
Programmable via Serial Interface
2.4
2.8
3.4
V
Default = 2.8V
VOL
Output Low Level
Load = +0.4 mA = IOL Max
0.5
V
VOH
Output High Level
Load =
−0.2 mA = IOH Max
VRTC − 0.5V
V
ILEAK
Input Leakage Current
+5
µA
I
2C Compatible Serial Interface Electrical Specifications (SDA and SCL)
Unless otherwise noted, VIN = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing
in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1) (2) and (3)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low Level Input Voltage
(4)
−0.5
0.3 VRTC
V
VIH
High Level Input Voltage
(4)
0.7 VRTC
VRTC
VOL
Low Level Output Voltage
(4)
0
0.2 VTRC
IOL
Low Level Output Current
VOL = 0.4V
(4)
3.0
mA
FCLK
Clock Frequency
(4)
400
kHz
tBF
Bus-Free Time Between Start and Stop
(4)
1.3
µs
tHOLD
Hold Time Repeated Start Condition
(4)
0.6
µs
tCLKLP
CLK Low Period
(4)
1.3
µs
tCLKHP
CLK High Period
(4)
0.6
µs
tSU
Set Up Time Repeated Start Condition
(4)
0.6
µs
tDATAHLD
Data Hold Time
(4)
0
µs
tCLKSU
Data Set Up Time
(4)
100
ns
TSU
Set Up Time for Start Condition
(4)
0.6
µs
TTRANS
Maximum pulse width of spikes that must be
(4)
50
ns
suppressed by the input filter of both DATA and
CLK signals
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
The I2C signals behave like open-drain outputs and require an external pull-up resistor on the system module in the 2 k
Ω to 20 kΩ
range.
(4)
This electrical specification is guaranteed by design.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com