Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 31Page - Texas Instruments LP3972 Datasheet HTML 32Page - Texas Instruments LP3972 Datasheet HTML 33Page - Texas Instruments LP3972 Datasheet HTML 34Page - Texas Instruments LP3972 Datasheet HTML 35Page - Texas Instruments LP3972 Datasheet HTML 36Page - Texas Instruments LP3972 Datasheet HTML 37Page - Texas Instruments LP3972 Datasheet HTML 38Page - Texas Instruments LP3972 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
VCC_BUCK2 TARGET VOLTAGE REGISTER (B2TV) 8H’85
Bit
7
6
5
4(1)
3(1)
2(1)
1(1)
0(1)
Designation
Reserved
Buck2 Output Voltage (B2OV)
Reset Value
0
0
0
1
1
0
0
1
(1)
One time factory programmable EPROM registers for default values
VCC_BUCK2 TARGET VOLTAGE REGISTER (B2TV) 8H’85 DEFINITIONS
Bit
Access
Name
Description
7:5
—
Reserved
4:0
R/W
B2OV
Output Voltage
Data Code
(V)
Data Code
(V)
5h’01
0.80
5h’0D
1.40
5h’02
0.85
5h’0E
1.45
5h’03
0.90
5h’0F
1.50
5h’04
0.95
5h’10
1.55
5h’05
1.00
5h’11
1.60
5h’06
1.05
5h’12
1.65
5h’07
1.10
5h’13
1.70
5h’08
1.15
5h’14
1.80
5h’09
1.20
5h’15
1.90
5h’0A
1.25
5h’16
2.50
5h’0B
1.30
5h’17
2.80
5h’0C
1.35
5h’18
3.00
5h’19
3.30
BUCK3 TARGET VOLTAGE REGISTER (B3TV) 8H’86
Bit
7
6
5
4(1)
3(1)
2(1)
1(1)
0(1)
Designation
Reserved
Buck3 Output Voltage (B3OV)
Reset Value
0
0
0
1
0
1
0
0
(1)
One time factory programmable EPROM registers for default values
BUCK3 TARGET VOLTAGE REGISTER (B3TV) 8H’86 DEFINITIONS
Bit
Access
Name
Description
7:5
—
Reserved
4:0
R/W
B3OV
Output Voltage
Data Code
(V)
Data Code
(V)
5h’01
0.80
5h’0D
1.40
5h’02
0.85
5h’0E
1.45
5h’03
0.90
5h’0F
1.50
5h’04
0.95
5h’11
1.60
5h’05
1.00
5h’12
1.65
5h’06
1.05
5h’13
1.70
5h’07
1.10
5h’14
1.80
Default
5h’08
1.15
5h’15
1.90
5h’09
1.20
5h’16
2.50
5h’0A
1.25
5h’17
2.80
5h’0B
1.30
5h’18
3.00
5h’0C
1.35
5h’19
3.30
VCC_BUCK3:2 VOLTAGE RAMP CONTROL REGISTER (B32RC)
VCC_Buck3:2 Voltage Ramp Control Register (B32RC) 8h’87
Bit
7
6
5
4
3
2
1
0
Designation
Ramp Rate (B3RR)
Ramp Rate (B2RR)
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com