Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 10Page - Texas Instruments LP3972 Datasheet HTML 11Page - Texas Instruments LP3972 Datasheet HTML 12Page - Texas Instruments LP3972 Datasheet HTML 13Page - Texas Instruments LP3972 Datasheet HTML 14Page - Texas Instruments LP3972 Datasheet HTML 15Page - Texas Instruments LP3972 Datasheet HTML 16Page - Texas Instruments LP3972 Datasheet HTML 17Page - Texas Instruments LP3972 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
Back-Up Charger Electrical Characteristics
Unless otherwise noted, VIN = VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1) (2) and (3).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operational Voltage Range
Voltage at VIN
3.3
5.5
V
IOUT
Backup Battery Charging Current
VIN = 3.6V, Backup_Bat = 2.5V, Backup
190
µA
Battery Charger Enabled (3)
VOUT
Charger Termination Voltage
VIN = 5.0V Backup Battery Charger Enabled.
2.91
3.1
V
Programmable
Backup Battery Charger Short
Backup_Bat = 0V, Backup Battery Charger
9
mA
Circuit Current
Enabled
PSRR
Power Supply Ripple Rejection
IOUT ≤ 50 µA, VOUT = 3.15V
15
dB
Ratio
VOUT + 0.4 ≤ VBATT = VIN ≤ 5.0V
f < 10 kHz
IQ
Quiescent Current
IOUT < 50 µA
25
µA
COUT
Output Capacitance
0 µA
≤ IOUT ≤ 100 µA
0.1
µF
Output Capacitor ESR
5
500
m
Ω
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
Back-up battery charge current is programmable via the I2C compatible interface. Refer to the Application Section for more information.
LP3972 Battery Switch Operation
The LP3972 has provisions for two battery connections, the main battery VBAT and Backup Battery.
The function of the battery switch is to connect power to the LDO_RTC from the appropriate battery, depending
on conditions described below:
•
If only the backup battery is applied, the switch will automatically connect the LDO_RTC power to this battery.
•
If only the main battery is applied, the switch will automatically connect the LDO_RTC power to this battery
•
If both batteries are applied, and the main battery is sufficiently charged (VBAT > 3.1V), the switch will
automatically connect the LDO_RTC power to the main battery.
•
As the main battery is discharged a separate circuit called nBATT_FLT will warn the system. Then if no action
is taken to restore the charge on the main battery, and discharging is continued the battery switch will
disconnect the input of the LDO_RTC from the main battery and connect to the backup battery.
•
The main battery voltage at which the LDO_RTC is switched over from main to backup battery is 2.8V
typically.
•
There is a hysteric voltage in this switch operation, thus the LDO_RTC will not be reconnected to main
battery until main battery voltage is greater than 3.1V typically.
•
The system designer may wish to disable the battery switch when only a main battery is used. This is
accomplished by setting the "no back up battery bit" in the control register 8h’0B bit 7 NBUB. With this bit set
to "1", the above described switching will not occur, that is the LDO_RTC will remain connected to the main
battery even as it is discharged below the 2.9V threshold. The Backup battery input should also be connected
to main battery.
Logic Inputs and Outputs DC Operating Conditions
(1)
Logic Inputs (SYS_EN, PWR_EN, SYNC, nRSTI, PWR_ON, nTEST_JIG, SPARE and GPI's)
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIL
Low Level Input Voltage
0.5
V
VIH
High Level Input Voltage
VRTC − 0.5V
V
ILEAK
Input Leakage Current
−1
+1
µA
(1)
All voltages are with respect to the potential at the GND pin.
14
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com