Electronic Components Datasheet Search
  English  ▼

X  

ML7344J Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
15/151
●RF characteristics
Data Rate
:
1.2 kbps to 15 kbps
Modulation scheme
:
2-GFSK/ 2-FSK
Channel spacing
:
25kHz
Definisiton Point
:
ANT connector of ML7344 RF board.
[RF frequency]
Item
Condition
Min
Typ.
Max
Unit
ML7344C
470
-
510
MHz
ML7344E
160
-
180
MHz
ML7344J
LNA_P,PA_OUT pins
315
-
450
MHz
NOTE:1) Support 160 MHz to 510 MHz by changing L and C components between IND1 and IND2 pins
2) Integer multiples of the master clock frequency and its around frequency can not be used. Please refer
section of “Programing Channel Frequency ”
[TX characteristics]
170MHz and 426MHz Band (160MHz to 180MHz, 315MHz to 450MHz) [ML7344E/J]
Item
Condition
Min
Typ.
Max
Unit
20mW(13dBm) mode
10
13
13.8
dBm
10mW(10dBm) mode
7
10
10.8
dBm
TX Power
1mW(0dBm) mode
-3
0
0.8
dBm
Frequency deviation setting
range [Fdev]
0.025
-
400
kHz
Occupied bandwidth
9600 bps (PN9), Fdev=3 kHz
Band including 99% power
8.5
-
11.8
kHz
Adjacent Channel Power
9600bps (PN9), Fdev=3 kHz
Offset:25 kHz ±8 kHz band
-
-
-40
dB
+10dBm output
9600 bps (PN9). Fdev = 3 kHz
Total power from 62.5 kHz to
162.5kHz offset
-
-
-26
dBm
Spurious emission level
Harmonics
+10dBm output with LC trap
filter
9600 bps (PN9). Fdev = 3 kHz
-
-
-26
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com