Electronic Components Datasheet Search
  English  ▼

X  

ML7344J Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 46Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 47Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 48Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 49Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 50Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 51Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 52Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 53Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
50/151
●DIO function
Using GPIO0-3, EXT_CLK or SDI/SDO pins, TX/RX data can be input/output. Pins can be configured by
[GPIO*_CTRL: B0 0x4E/0x4F/0x50/0x51], [EXTCLK_CTRL: B0 0x52] and [SPI/EXT_PA_CTRL: B0 0x53]
registers.
Data format for TX/RX are as follows:
TX --- TX data (NRZ or Manchester/3-out-of-6coding) will be input.
RX --- pre-decoded RX data or decoded RX data will be output. (selectable by [DIO_SET: B0 0x0C] register)
DIO function registers are as follows:
Function
Registers
DIO RX data output start setting
[DIO_SET: B0 0x0C(0)]
DIO RX completion setting
[DIO_SET: B0 0x0C(2)]
TX DIO mode setting
[DIO_SET: B0 0x0C(5-4)]
RX DIO mode setting
[DIO_SET: B0 0x0C(7-6)]
(1)In case of using GPIO*, EXT_CLK pins
If GPIO0-3 or EXT_CLK pins are used as DCLK/DIO, DCLK/DIO should be controlled as follow. (below
DIO/DCLK vertical line part indicate output or input period)
[TX]
i) Continuous input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)]) =0b01.
After TX_ON(SET_TRX[3:0]([RF_STATUS: B0 0x0B(3-0)])=0x9), DCLK is output continuously. At
falling edge of DCLK, TX data is input from DIO pin. TX data must be encoded data.
NOTE: For details of timing, please refer to the “TX” in the “Timing Chart”.
DIO(GPIO0-3,EXT_CLK)
TX_ON
command
TX data
DCLK(GPIO0-3,EXT_CLK)
Preamble
SyncWord
Data-field
TRX_OFF
command
TX_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com