Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 76 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 76 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 72Page - Hynix Semiconductor HM17CM256 Datasheet HTML 73Page - Hynix Semiconductor HM17CM256 Datasheet HTML 74Page - Hynix Semiconductor HM17CM256 Datasheet HTML 75Page - Hynix Semiconductor HM17CM256 Datasheet HTML 76Page - Hynix Semiconductor HM17CM256 Datasheet HTML 77Page - Hynix Semiconductor HM17CM256 Datasheet HTML 78Page - Hynix Semiconductor HM17CM256 Datasheet HTML 79Page - Hynix Semiconductor HM17CM256 Datasheet HTML 80Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 111 page
background image
HM17CM256
- 76 -
(35) Relation between each setting and COM / display RAM
The COM port number corresponds to Y address of display RAM by SHIFT command, LCD duty
command, common display start position command and display start line setting command.
•
When display start address was set to “0”.
According to LCD duty and display start common line address, the port of COM line and
display RAM address ( MY ) is changed by 15 line unit.
When SHIFT register is set to “0” common line shift to upward direction, and when the value is
“1”, common line shift to downward direction.
When display start address (LA6~LA0) is set to
“0”, the “MY” corresponds to starting position is “0”.
The MY shift upward direction as display
goes on.
In any case, COMI0=MY80, COMI1=MY81 .
•
When display start line was set except for “0”
According to LCD duty and display start common line address, the port of COM line and
display RAM address, MY is changed by 15 line unit.
When SHIFT register is set to “0” common line shift to upward direction, and when the value is
“1”, common line shift to downward direction.
When display start address (LA6~LA0) is set to
except for “0”, the “MY” corresponds to starting position is shift by the amount of set value.
The MY shift upward direction as display goes on but MY is set to “0” after MY=79.
In any case, COMI0=MY80, COMI1=MY81 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com