Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 48 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 48 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 44Page - Hynix Semiconductor HM17CM256 Datasheet HTML 45Page - Hynix Semiconductor HM17CM256 Datasheet HTML 46Page - Hynix Semiconductor HM17CM256 Datasheet HTML 47Page - Hynix Semiconductor HM17CM256 Datasheet HTML 48Page - Hynix Semiconductor HM17CM256 Datasheet HTML 49Page - Hynix Semiconductor HM17CM256 Datasheet HTML 50Page - Hynix Semiconductor HM17CM256 Datasheet HTML 51Page - Hynix Semiconductor HM17CM256 Datasheet HTML 52Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
HM17CM256
- 48 -
(33) INSTRUCTION
INSTRUCTION TABLE (1)
CODE (80 series I/F)
CODE
INSTRUCTION
CS
RS
RD WR RE2 RE1 RE0 D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
display data write in
0
0
1
0
0/1 0/1 0/1
Write Data
Write in to display RAM
display data read out.
0
0
0
1
0/1 0/1 0/1
Read Data
Read out from display RAM
X address
(lower)
[0H]
0
1
1
0
0
0
0
0
0
0
0
AX3 AX2 AX1 AX0
Display RAM X direction set
X address
(upper)
[1H]
0
1
1
0
0
0
0
0
0
0
1
*
AX6 AX5 AX4
Display RAM X direction set
Y address
(lower)
[2H]
0
1
1
0
0
0
0
0
0
1
0
AY3 AY2 AY1 AY0
Display RAM Y direction set
Y address
(upper)
[3H]
0
1
1
0
0
0
0
0
0
1
1
*
AY6 AY5 AY4
Display RAM Y direction set
display start line set
(lower)
[4H]
0
1
1
0
0
0
0
0
1
0
0
LA3 LA2 LA1 LA0
RAM
Y
address
setting
corresponds to scan start line of
common driver.
display start line set
(upper)
[5H]
0
1
1
0
0
0
0
0
1
0
1
*
LA6 LA5 LA4
RAM
Y
address
setting
corresponds to scan start line of
common driver.
N line inversion set
(lower)
[6H]
0
1
1
0
0
0
0
0
1
1
0
N3 N2 N1 N0 quantity setting of line inversion
N line inversion set
(upper)
[7H]
0
1
1
0
0
0
0
0
1
1
1
*
N6 N5 N4 quantity setting of line inversion
display control (1)
[8H]
0
1
1
0
0
0
0
1
0
0
0
SHI
FT
MO
N
ALL
ON
ON/
OFF
SHIFT: common shift direction set,
MON: BW/gradation display,
ALLON: all on ,
ON/OFF: display ON/OFF control
display control (2)
[9H]
0
1
1
0
0
0
0
1
0
0
1
RE
V
NL
IN
SW
AP
RE
F
REV: display positive / negative,
NLIN: n line inversion ON/OFF,
SWAP: display data swap,
REF: segment positive / negative
increment control
[AH]
0
1
1
0
0
0
0
1
0
1
0 WIN AIM AYI AXI
WIN: window selection,
AIM: increment timing selection,
AYI:Y increment,
AXI:X increment
power control
[BH]
0
1
1
0
0
0
0
1
0
1
1
AMP
ON
HA
LT
DC
ON
AC
L
AMPON: internal OP Amp. ON,
HALT: power save
DCON: boosting circuit ON, ACL: reset
LCD duty set
[CH]
0
1
1
0
0
0
0
1
1
0
0
*
DS2 DS1 DS0
LCD driver duty ratio set
boosting coefficient
set
[DH]
0
1
1
0
0
0
0
1
1
0
1
*
VU2 VU1 VU0
Boosting times set
bias ratio set
[EH]
0
1
1
0
0
0
0
1
1
1
0
*
B2 B1 B0 LCD drive bias set
RE register set
[FH]
0
1
1
0
0/1 0/1 0/1
1
1
1
1 TST0 RE2 RE1 RE0 RE flag set
Notice 1) * mark is Don’t Care
Notice 2) [
] The inner side number is an address for internal register read.
Notice 3) The commands that upper/lower register settings are demanded are effective at the point of commands input.
But electric volume is effective after upper and lower register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com