Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 10Page - Hynix Semiconductor HM17CM256 Datasheet HTML 11Page - Hynix Semiconductor HM17CM256 Datasheet HTML 12Page - Hynix Semiconductor HM17CM256 Datasheet HTML 13Page - Hynix Semiconductor HM17CM256 Datasheet HTML 14Page - Hynix Semiconductor HM17CM256 Datasheet HTML 15Page - Hynix Semiconductor HM17CM256 Datasheet HTML 16Page - Hynix Semiconductor HM17CM256 Datasheet HTML 17Page - Hynix Semiconductor HM17CM256 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
HM17CM256
- 14 -
s FUNCTION DESCRIPTION
(1) CPU interface
(1-1)
Selection of interface type
HM17CM256 receives data through 8 bit parallel I/O(D0~D7)
16 bit parallel I/O(D0~D15) or
divided into serial data input (SDA, SCL). Parallel or serial selection is decided by P/S pin setting.
Parallel or serial selection is possible as following table.
Reading out from internal register or RAM is not possible at serial interface mode.
TABLE
P/S
Type
CS
RS
RD
WR
SEL68
SDA
SCL
data
H
Parallel input
CS
RS
RD
WR
SEL68
D0~D7 (D0~D15)
L
Serial input
CS
RS
-
-
-
SDA
SCL
-
caution 1) “-” mark item : Fix to ”H” or ”L”
(1-2)
Parallel input
In the parallel interface mode selected by P/S port, parallel data is transferred from the
8bit/16bit MPU through data bus.
SEL68 port setting makes 80-series or 68-series interface
selection
TABLE
SEL68
CPU type
CS
RS
RD
WR
data
H
68 series CPU
CS
RS
E
R/W
D0~D7 (D0~D15)
L
80 series CPU
CS
RS
RD
WR
D0~D7 (D0~D15)
(1-3)
Data identification
Combinations of RS, RD, and WR signals identify contents of 8bit data bus.
TABLE
68 series
80 series
RS
R/W
RD
WR
FUNCTION
1
1
0
1
Read out from internal register
1
0
1
0
Write in to internal register
0
1
0
1
Read display data
0
0
1
0
Write display data
(1-4)
Serial interface
2 types of serial interface (3 line type mode, 4 line type mode) are available by selecting
SMODE pin.
TABEL
SMODE
Serial interface mode
H
3 line type
L
4 line type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com