Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 70 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 70 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 66Page - Hynix Semiconductor HM17CM256 Datasheet HTML 67Page - Hynix Semiconductor HM17CM256 Datasheet HTML 68Page - Hynix Semiconductor HM17CM256 Datasheet HTML 69Page - Hynix Semiconductor HM17CM256 Datasheet HTML 70Page - Hynix Semiconductor HM17CM256 Datasheet HTML 71Page - Hynix Semiconductor HM17CM256 Datasheet HTML 72Page - Hynix Semiconductor HM17CM256 Datasheet HTML 73Page - Hynix Semiconductor HM17CM256 Datasheet HTML 74Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 111 page
background image
HM17CM256
- 70 -
(34-19) RAM data length setting
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
1
0
0
1
*
*
CKS
WLS
( reset :{WLS}=0H,
read address :9H)
* : “Don’t care”
WLS: Selection 8 bit access or 16 bit access at RAM access.
Access with 16 bits data length is effective
only at RAM access.
The other accesses are 8 bits access ( command access ).
WLS=”0”:
RAM access is done by 8 bits data length.
WLS=”1”:
RAM access is done by 16 bits data length
CKS:
Selection the oscillator.
CKS=”0”:
internal oscillation mode ( default ).
Internal oscillation mode should be used under condition of OSC1 and OSC2 open.
CKS=”1”:
external oscillation mode.
External oscillation mode should be used under the condition of clock input by OSC1 port or resistor
connection between OSC1 and OSC2 port.
(34-20) Electric volume registers setting.
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
1
0
1
0
DV3
DV2
DV1
DV0
( read address :AH)
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
1
0
1
1
*
DV6
DV5
DV4
( read address :BH)
* : “Don’t care”
( reset :DV6~DV0=00H)
Setting the electric volume code.
The voltage range is divided into 127 levels by this register
DV6
DV5
DV4
DV3
DV2
DV1
DV0
Output voltage
0
0
0
0
0
0
0
low
0
0
0
0
0
0
1
:
:
:
:
:
1
1
1
1
1
1
0
:
1
1
1
1
1
1
1
high
The output voltage of VREG is determined by Eq.
.
VREG = VREF x N
(N: booster coefficient)
N=1 under the condition of boosting operation is not valid (booster coefficient register, VU=0H ).
The LCD driving voltage VLCD is decided by VREG level or electric volume value (Eq.
).
VLCD = 0.5 x VREG + M x (VREG - 0.5VREG) / 127
( M : DV6~DV0 register value )
To prevent over voltage from being generated by electric volume setting, when the register value is set
to upper side of electric volume, voltage level is not changed immediately.
When the register value is set to lower side of electric volume, the voltage level is changed instantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com