Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 58 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 58 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 54Page - Hynix Semiconductor HM17CM256 Datasheet HTML 55Page - Hynix Semiconductor HM17CM256 Datasheet HTML 56Page - Hynix Semiconductor HM17CM256 Datasheet HTML 57Page - Hynix Semiconductor HM17CM256 Datasheet HTML 58Page - Hynix Semiconductor HM17CM256 Datasheet HTML 59Page - Hynix Semiconductor HM17CM256 Datasheet HTML 60Page - Hynix Semiconductor HM17CM256 Datasheet HTML 61Page - Hynix Semiconductor HM17CM256 Datasheet HTML 62Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 111 page
background image
HM17CM256
- 58 -
(34-9) Increment control register set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
1
0
1
0
WIN
AIM
AYI
AXI
(reset :{WIN, AIM, AYI, AXI}=0H, read address :AH)
* : ”Don’t care”
Sets the display RAM address to increment mode when RAM data is accessed.
Per RAM write or read access, the increment or non-increment settings of X and Y address counter are
possible by AIM, AYI, AXI register setting.
When accessing consecutive RAM areas by read or write,
the address increment operation is possible without setting the read or write address by this register setting.
After setting the auto increment register, the X, Y address should be set lower bits first.
Please revise X, Y address register after increment register setting.
When WIN register is set to “1”, the CPU accesses specified area of display RAM.
In this case X, Y
address should be used with auto increment mode set (AXI=”1”, AYI=”1”).
Do not revise X, Y address
register when it is not auto increment mode.
WIN=”0”: normal display RAM access
WIN=”1”: window area access at display RAM
The window to be accessed is defined by setting the start X, Y address and end X, Y address.
When accessing display with window area mode, please set X, Y start address and then X, Y window
end address.
When accessing consecutive RAM area, it is possible to access next location without setting the address
by using this command.
X, Y address is unknown after auto increment setting. When WIN register is set
to “1”, the RAM should be accessed after setting start point address and end point address.
And address setting should be done in sequence of start point of X address and Y address, and then
end point of X address and Y address after WIN command setting ( WIN=”1”).
The relationship between AIM, AYI, AXI register and X, Y address increment mode is as follow.
AIM
Increment timing selection
Remark
0
Both case of writing in and read out display RAM
1
Only when writing in display RAM( read modify)
notice
This mode is valid when read or write is performed on consecutive RAM location.
notice
This mode is valid when read out consecutive data and modifying the data and then write them in again or
read
write per access.
AYI
AXI
Increment timing selection
Remark
0
0
No increment
0
1
X address auto increment
1
0
Y address auto increment
1
1
X, Y address auto increment
notice
Regardless of AIM setting, no auto increment for X and Y address
notice
According to AIM setting, auto increment only for X address.
And X address is increased as followed loop according to REF register( SEG output direction setting
register ) value.
∗) Please refer to RAM address bitmap in (10) relation between display RAM and address
notice
According to AIM setting, auto increment only for Y address
Y address is increased as followed loop regardless of REF register.
00H
MaxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com