Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 93 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 93 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 89Page - Hynix Semiconductor HM17CM256 Datasheet HTML 90Page - Hynix Semiconductor HM17CM256 Datasheet HTML 91Page - Hynix Semiconductor HM17CM256 Datasheet HTML 92Page - Hynix Semiconductor HM17CM256 Datasheet HTML 93Page - Hynix Semiconductor HM17CM256 Datasheet HTML 94Page - Hynix Semiconductor HM17CM256 Datasheet HTML 95Page - Hynix Semiconductor HM17CM256 Datasheet HTML 96Page - Hynix Semiconductor HM17CM256 Datasheet HTML 97Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 111 page
background image
HM17CM256
- 93 -
s ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
CONDITION
PORT
RATINGS
UNIT
supply voltage (1)
VDD
VDD
-0.3 ~ +4.0
V
supply voltage (2)
VEE
VEE
-0.3 ~ +4.0
V
supply voltage (3)
VOUT
VOUT
-0.3 ~ +20.0
V
supply voltage (4)
VREG
VREG
-0.3 ~ +20.0
V
supply voltage (5)
VLCD
VLCD
-0.3 ~ +20.0
V
supply voltage (6)
V1, V2, V3, V4
V1, V2, V3, V4
-0.3 ~ VLCD + 0.3
V
input voltage
VI
VSS(0V)
reference
Ta = +25
°C
*1
-0.3 ~ VDD + 0.3
V
Storage temperature
Tstg
-45 ~ +125
°C
*1
D0~D15, CS, RS, M/S, RD, WR, OSC1, LP, FLM, FR, CLK, RES, TEST port
s RECOMMENDED OPERATING CONDITIONS
ITEM
SYMBOL
PORT
MIN
TYP
MAX
UNIT REMARK
VDD1
1.7
3.3
V
*1
VDD2
VDD
2.4
3.3
V
*2
supply voltage
VEE
VEE
2.4
3.3
V
*3
VLCD
VLCD
5
18.0
V
*4
VOUT
VOUT
18.0
V
VREG
VREG
VOUT x 0.9
V
Recommended
operating voltage
VREF
VREF
2.1
3.3
V
*5
Operation
temperature
Topr
-30
85
°C
*1
The case when internal reference voltage generation circuit (VBA output) is not used.
The voltage compare to VSS port.
*2
The case when internal reference voltage generation circuit (VBA output) is used.
The voltage compare to VSS port.
*3
When the boosting circuit is used, supply voltage VEE should be used within the limit.
When driving LCD panel by use of internal boosting circuit, it is possible to short VDD and VEE.
*4
Please keep the relation, VSS < V4 < V3 < V2 < V1 < VLCD
≤V
OUT.
*5 When the internal voltage regulator circuit is used, reference voltage VREF should be used within the limit.
Please keep the relation VREF
≤V
EE .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com