Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 94 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 94 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 90Page - Hynix Semiconductor HM17CM256 Datasheet HTML 91Page - Hynix Semiconductor HM17CM256 Datasheet HTML 92Page - Hynix Semiconductor HM17CM256 Datasheet HTML 93Page - Hynix Semiconductor HM17CM256 Datasheet HTML 94Page - Hynix Semiconductor HM17CM256 Datasheet HTML 95Page - Hynix Semiconductor HM17CM256 Datasheet HTML 96Page - Hynix Semiconductor HM17CM256 Datasheet HTML 97Page - Hynix Semiconductor HM17CM256 Datasheet HTML 98Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 111 page
background image
HM17CM256
- 94 -
s ELECTRICAL CHARACTERISTICS
•
DC Characteristics 1
Unless otherwise noted VSS = 0V, VDD = +1.7~+3.3V, Ta = -30~+85
°C
ITEM
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT PORT
High level input voltage
VIH
0.8 VDD
VDD
V
*1
Low level input voltage
VIL
0
0.22 VDD
V
*1
High level output voltage
VOH1
IOH = -0.4mA
VDD - 0.4
V
*2
Low level output voltage
VOL1
IOL = 0.4mA
0.4
V
*2
High level output voltage
VOH2
IOH = -0.1mA
VDD - 0.4
V
*3
Low level output voltage
VOL2
IOL = 0.1mA
0.4
V
*3
Input leakage current
ILI
VI = VSS or VDD
-10
10
µA
*4
Output leakage current
ILO
VI = VSS or VDD
-10
10
µA
*5
VLCD = 10V
1
2
LCD driver output
ON resistance
RON1
|
VON| = 0.5V
VLCD = 6V
2
4
k
Ω
*6
Static current
ISTB
CS=VDD, Ta=25
°C
VDD = 3V
15
µA
*7
fOSC1
372
*8
fOSC2
84
*9
fOSC3
FFL = “0”
(normal
mode)
TBD
12
TBD
*10
fOSC4
762.6
*8
fOSC5
172.2
*9
Oscillator frequency
fOSC6
VDD = 3V
Ta = 25
°C
FFL = “1”
(high speed
mode)
TBD
24.6
TBD
kHz
*10
fr1
Rf=6.2k
Ω
775.2
fr2
Rf=20k
Ω
373.9
fr3
Rf=51k
Ω
167.8
fr4
Rf=110k
Ω
84.3
fr5
Rf=390k
Ω
25.8
oscillator frequency
by External resistor
fr6
Rf=820k
Ω
TBD
12.6
TBD
kHz
Boosting output
voltage
VOUT
N x boosting (N=2~7)
RL = 30k
Ω (between V
OUT ,VSS)
N * VEE
* 0.95
V
*11
Current consumption (1)
IDD1
FFL = “0”
TBD
TBD
Current consumption (2)
IDD2
VDD = 2.5V
7 x boosting (all ON)
FFL = “1”
TBD
TBD
Current consumption (3)
IDD3
FFL = “0”
TBD
TBD
Current consumption (4)
IDD4
VDD
=
2.5V
7x
boosting(cross check)
FFL = “1”
TBD
TBD
Current consumption (5)
IDD5
FFL = “0”
TBD
TBD
Current consumption (6)
IDD6
VDD = 3.0V
6 x boosting (all ON)
FFL = “1”
TBD
TBD
Current consumption (7)
IDD7
FFL = “0”
TBD
TBD
Current consumption (8)
IDD8
VDD
=
3.0V
6x
boosting(cross check)
FFL = “1”
TBD
TBD
Current consumption (9)
IDD9
FFL = “0”
TBD
TBD
Current consumption (10)
IDD10
VDD = 3.0V
5 x boosting (all ON)
FFL = “1”
TBD
TBD
Current consumption (11)
IDD11
FFL = “0”
TBD
TBD
Current consumption (12)
IDD12
VDD
=
3.0V
5x
boosting(cross check)
FFL = “1”
TBD
TBD
Current consumption (13)
IDD13
FFL = “0”
TBD
TBD
Current consumption (14)
IDD14
VDD = 3.0V
4 x boosting (all ON)
FFL = “1”
TBD
TBD
Current consumption (15)
IDD15
FFL = “0”
TBD
TBD
Current consumption (16)
IDD16
VDD
=
3.0V
4x
boosting(cross check)
FFL = “1”
TBD
TBD
µA
*12
VBA output voltage
VBA
VEE = 2.4~3.3V
TBD
0.9 VEE
TBD
V
*13
VREG output voltage
VREG
VEE = 2.4~3.3V
VREF = 0.9 x VEE
N x boosting (N=2~7)
TBD
(VREF x N)
TBD
V
*14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com