Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 16Page - Hynix Semiconductor HM17CM256 Datasheet HTML 17Page - Hynix Semiconductor HM17CM256 Datasheet HTML 18Page - Hynix Semiconductor HM17CM256 Datasheet HTML 19Page - Hynix Semiconductor HM17CM256 Datasheet HTML 20Page - Hynix Semiconductor HM17CM256 Datasheet HTML 21Page - Hynix Semiconductor HM17CM256 Datasheet HTML 22Page - Hynix Semiconductor HM17CM256 Datasheet HTML 23Page - Hynix Semiconductor HM17CM256 Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
HM17CM256
- 20 -
(7) Window address assign of display RAM
This IC can be accessed to display RAM by window area designation in addition to access to
display RAM designated by X and Y address.
Through address space of all display address, specific area of RAM can be accessed by
designated two points.
The start point of two point addresses is assigned by normal X address and Y address register and
the end point of them is done by X end address and Y end address register value.
Designated
inner addresses depend on WLS bit.
Read modified write action can be taken by AIM=“1”.
In case of using window area accessing mode, you must set start point X address, Y address in
sequence and end point X address, Y address in sequence after executing Win command (WIN=“1”,
auto increase mode AXI=“1”, AYI=“1”) and then access to Display RAM.
And set start point and end point not to be designated to access the outside of available address
area.
Address set value should be taken to set AX
≤ EX ( end point of X address ) and AY≤EY
( end point of Y address ).
X direction
(X, Y)
address designation
end address designation
Window display area
(X, Y)
All display RAM area
(8) display RAM data and LCD
Display RAM data related with one dot of LCD is dependent on REV register.
Normal display and
reverse display by REV register are set up as follows.
TABLE
REV
Display
RAM data
0
L
normal
1
0
H
reverse
1
(9)
Segment display output order/reverse set up
The order of display outputs, SEGA0, SEGB0, SEGC0 to SEGA127, SEGB127, and can be reversed
by reversing access to display RAM from MPU by using REF register, lessen the limitation in placing
IC when assembling an LCD panel module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com