Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor HM17CM256 Datasheet HTML 10Page - Hynix Semiconductor HM17CM256 Datasheet HTML 11Page - Hynix Semiconductor HM17CM256 Datasheet HTML 12Page - Hynix Semiconductor HM17CM256 Datasheet HTML 13Page - Hynix Semiconductor HM17CM256 Datasheet HTML 14Page - Hynix Semiconductor HM17CM256 Datasheet HTML 15Page - Hynix Semiconductor HM17CM256 Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
HM17CM256
- 12 -
s PIN DESCRIPTION 3
No.
NAME
I/O
FUNCTION
CPU interface selection port
SEL68
H
L
status
68 series
80 series
33
SEL68
I
Serial / parallel interface selection port
P/S
chip
select
data/
command
data
read/
write
serial clock
H
CS
RS
D0~D7
RD, WR
-
L
CS
RS
SDA(D1)
write only
SCL (D0)
32
P/S
I
P/S = “L” :serial interface selection ,D15~D5 goes to Hi-Z
state.
Fix RD, WR to “H” or “L”.
20
TEST
I
Test port.
Fix to ”L”.
Latching signal pin of display data.
Display line counter is counted up at the rising edge and LCD
driving signal is generated at the falling edge
M/S
status
CL
H
master
output
L
slave
input
61
CL
I/O
LCD synchronous signal (first line marker) I/O pin.
Display start address is loaded in the display line counter at
FLM = “H”.
M/S
status
FLM
H
master
output
L
slave
input
62
FLM
I/O
Alternated display signal of LCD driver output I/O pin.
M/S
status
FR
H
master
output
L
slave
input
63
FR
I/O
Master / slave mode selection pin
M/S
mode
oscillator
Power supply
H
master
enable
enable
L
slave
disable
disable
30
M/S
I
Fix to “H” or “L” according to operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com