Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 71 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 71 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 67Page - Hynix Semiconductor HM17CM256 Datasheet HTML 68Page - Hynix Semiconductor HM17CM256 Datasheet HTML 69Page - Hynix Semiconductor HM17CM256 Datasheet HTML 70Page - Hynix Semiconductor HM17CM256 Datasheet HTML 71Page - Hynix Semiconductor HM17CM256 Datasheet HTML 72Page - Hynix Semiconductor HM17CM256 Datasheet HTML 73Page - Hynix Semiconductor HM17CM256 Datasheet HTML 74Page - Hynix Semiconductor HM17CM256 Datasheet HTML 75Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
HM17CM256
- 71 -
(34-21) Oscillator circuit Rf control
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
1
1
0
1
FFL
Rf2
Rf1
Rf0
( reset
{FFL, Rf2, Rf1, Rf0}=0H, read address : DH)
The feedback resistance of oscillator circuit can be changed by setting this register.
The frame frequency is changed according to the frequency of oscillator, and the oscillation frequency is
determined by the resistor value.
When you set the frame rate, please check the state of LCD display.
Rf 2
Rf 1
Rf 0
Feedback resistance size
0
0
0
Reference value
0
0
1
0.8 x reference value
0
1
0
0.9 x reference value
0
1
1
1.1 x reference value
1
0
0
1.2 x reference value
1
0
1
forbidden
1
1
0
forbidden
1
1
1
forbidden
FFL command
Setting oscillator frequency ( frame frequency fFLM). ( refer to DC characteristic )
FFL=0
normal oscillator frequency ( set frame frequency, fFLM to 73Hz(Typ))
FFL=1
high speed oscillator frequency ( set frame frequency, fFLM to 150Hz(Typ))
*
The value of typical frame frequency fFLMTyp is under following condition.
• Display mode : variable gradation display
• 1/82 Duty
• {Rf
2, Rf1, Rf0}=0H
(34-22) Discharge control
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
1
1
1
0
*
*
*
DIS
( reset
{DIS}=0H, read address
EH) * : “Don’t care”
The capacitors connected between VLCD~V4 and VSS can be discharged by this control.
Please refer
to capacitor setting example.
DIS=”0”
discharge stop
DIS=”1”
start discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com