Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 86 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 86 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 82Page - Hynix Semiconductor HM17CM256 Datasheet HTML 83Page - Hynix Semiconductor HM17CM256 Datasheet HTML 84Page - Hynix Semiconductor HM17CM256 Datasheet HTML 85Page - Hynix Semiconductor HM17CM256 Datasheet HTML 86Page - Hynix Semiconductor HM17CM256 Datasheet HTML 87Page - Hynix Semiconductor HM17CM256 Datasheet HTML 88Page - Hynix Semiconductor HM17CM256 Datasheet HTML 89Page - Hynix Semiconductor HM17CM256 Datasheet HTML 90Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
HM17CM256
- 86 -
display start line set to “5” , 1/77 duty by DS2~DS0 register
SHIFT set value
SHIFT=”0”
(common forward scan)
SHIFT=”1”
(common backward scan)
DS2
DS1
DS0
“001”
(1/77 duty)
“001”
(1/77 duty)
SC2
SC1
SC0
“000”
“001”
“010”
“011”
“100”
“101”
“000”
“001”
“010”
“011”
“100”
“101”
LA6
LA0
“0000101”
(display start point 5)
“0000101”
(display start point 5)
COMI0
80
80
80
80
80
80
80
80
80
80
80
80
COM0
5
70
55
40
25
10
69
54
39
24
9
COM1
COM2
COM3
COM4
5
COM5
79
COM6
COM7
COM8
COM9
79
COM10
79
COM11
COM12
COM13
COM14
COM15
5
COM16
COM17
COM18
COM19
5
COM20
COM21
COM22
COM23
COM24
79
COM25
79
COM26
COM27
COM28
COM29
COM30
5
COM31
COM32
COM33
COM34
5
COM35
COM36
COM37
COM38
COM39
79
COM40
79
COM41
COM42
COM43
COM44
COM45
5
COM46
COM47
COM48
COM49
5
COM50
COM51
COM52
COM53
COM54
79
COM55
79
COM56
COM57
COM58
COM59
COM60
5
COM61
COM62
COM63
COM64
5
COM65
COM66
COM67
COM68
COM69
79
COM70
79
COM71
COM72
COM73
COM74
79
COM75
5
COM76
COM77
COM78
COM79
69
54
39
24
9
5
70
55
40
25
10
COMI1
81
81
81
81
81
81
81
81
81
81
81
81
The number on the table means MY ( Y direction shift address ).
The COM electrodes without MY number are driving with non-selection level signal.
The
Marked line is display start line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com