Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 27Page - Hynix Semiconductor HM17CM256 Datasheet HTML 28Page - Hynix Semiconductor HM17CM256 Datasheet HTML 29Page - Hynix Semiconductor HM17CM256 Datasheet HTML 30Page - Hynix Semiconductor HM17CM256 Datasheet HTML 31Page - Hynix Semiconductor HM17CM256 Datasheet HTML 32Page - Hynix Semiconductor HM17CM256 Datasheet HTML 33Page - Hynix Semiconductor HM17CM256 Datasheet HTML 34Page - Hynix Semiconductor HM17CM256 Datasheet HTML 35Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
HM17CM256
- 31 -
DISPLAY RAM BITMAP AT BLACK & WHITE MODE (MON=”1”)
The MSBs of display RAM data ( 3 bit, 2 bit ) is used as display data at black and white mode.
example)
8 bit width access ( the same method as 16 bit width access)
•
ACCESS when (REF, SWAP)=(0, 0) or (1, 1)
notice) internal access X address :nH
(access when REF=”0”)
:7FnH~nH (access when REF=”1”)
•
ACCESS when (REF, SWAP)=(0, 1) or (1, 0)
notice) internal access X address :nH
(access when REF=”0”)
:7FnH~nH (access when REF=”1”)
SEGAi
SEGBi
Aj
Palette Bj
0
0
Palette Aj
1
0
0
SEGCi
Palette Cj
1
1
1
MSB
LSB
MSB
LSB
MSB
0
0
1
0
0
1
1
1
D0
D1
D2
D3
D4
D5
D6
D7
0
GLSB circuit
Gradation palette
i=0~127
j=0~7
CPU access data
X address :nH
Gradation control circuit.
Display RAM data
SEGCi
SEGBi
1
1
1
0
0
SEGAi
Palette Cj
Palette Bj
Palette Aj
1
0
0
MSB
LSB MSB
LSB
MSB
0
0
1
0
0
1
1
1
D0
D1
D2
D3
D4
D5
D6
D7
Gradation palette
i=0~127
j=0~7
CPU access data
X address :nH
Gradation control circuit
Display RAM data
0
GLSB circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com