Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 95 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 95 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 91Page - Hynix Semiconductor HM17CM256 Datasheet HTML 92Page - Hynix Semiconductor HM17CM256 Datasheet HTML 93Page - Hynix Semiconductor HM17CM256 Datasheet HTML 94Page - Hynix Semiconductor HM17CM256 Datasheet HTML 95Page - Hynix Semiconductor HM17CM256 Datasheet HTML 96Page - Hynix Semiconductor HM17CM256 Datasheet HTML 97Page - Hynix Semiconductor HM17CM256 Datasheet HTML 98Page - Hynix Semiconductor HM17CM256 Datasheet HTML 99Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
HM17CM256
- 95 -
s ELECTRICAL CHARACTERISTICS
•
DC Characteristics 1
Unless otherwise noted VSS = 0V, VDD = +1.7~+3.3V, Ta = -30~+85
°C
ITEM
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT PORT
VLCD
TBD
TBD
TBD
TBD
V
V1
TBD
TBD
TBD
TBD
V
V2
TBD
TBD
TBD
TBD
V
V3
TBD
TBD
TBD
TBD
V
Output voltage
V4
TBD
TBD
TBD
TBD
V
•
Oscillator frequency,fOSC at each mode, relation external clock frequency,fCK to LCD frame frequency,fFLM
Display duty (1/D)
ITEM
Used
clock
Display mode
1/82, 1/77, 1/66
1/47, 1/38, 1/32, 1/26
1/17
PORT
Variable
gradation display
fOSC / (62*D)
fOSC / (62*D*2)
fOSC / (62*D*4)
Fixed gradation
display
fOSC / (14*D)
fOSC / (14*D*2)
fOSC / (14*D*4)
Using internal
oscillator
circuit
fOSC
BW display
fOSC / (2*D)
fOSC / (2*D*2)
fOSC / (2*D*4)
Variable
gradation display
fCK / (62*D)
fCK / (62*D*2)
fCK / (62*D*4)
Fixed gradation
display
fCK / (14*D)
fCK / (14*D*2)
fCK / (14*D*4)
Input external
clock
fCK
BW display
fCK / (2*D)
fCK / (2*D*2)
fCK / (2*D*4)
FLM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com