Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 96 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 96 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 92Page - Hynix Semiconductor HM17CM256 Datasheet HTML 93Page - Hynix Semiconductor HM17CM256 Datasheet HTML 94Page - Hynix Semiconductor HM17CM256 Datasheet HTML 95Page - Hynix Semiconductor HM17CM256 Datasheet HTML 96Page - Hynix Semiconductor HM17CM256 Datasheet HTML 97Page - Hynix Semiconductor HM17CM256 Datasheet HTML 98Page - Hynix Semiconductor HM17CM256 Datasheet HTML 99Page - Hynix Semiconductor HM17CM256 Datasheet HTML 100Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 111 page
background image
HM17CM256
- 96 -
Applied port (* Remark Solves)
*1
D0~D15, CS, RS, M/S, RD, WR, P/S, SEL68, CLK, CL, FLM, FR, RES
ports
*2
D0~D15
ports
*3
CL, FLM, FR, CLK
ports
*4
CS, RS, M/S, SEL68, RD, WR, P/S, RES, OSC1 ports
*5
applicable at D0~D15, CL, FLM, FR, CLK = high impedance state
*6
SEGA0~SEGA127, SEGB0~SEGB127, SEGC0~SEGC127, COM0~COM79, COMI0, COMI1
ports
resistance when being supplied 0.5V between each output ports and power port (VLCD, V1, V2, V3, V4)
applicable under bias ratio = 1/9
*7
VDD ports
VDD current when source clock is stopped, chip selection (CS=VDD) is non-selection state and no load.
*8
oscillator frequency when internal oscillator circuit is used ( gradation display mode).
applicable under
Rf register of oscillator circuit, {Rf2, Rf1, Rf0} = “000”
*9
oscillator frequency when internal oscillator circuit is used ( fixed gradation display mode).
applicable under
Rf register of oscillator circuit, {Rf2, Rf1, Rf0} = “000”
*10 oscillator frequency when internal oscillator circuit is used ( BW display mode).
applicable under
Rf register of oscillator circuit, {Rf2, Rf1, Rf0} = “000”
*11 VOUT
port
N x boosting (N=2~7). applicable under internal oscillator circuit and internal power circuit are ON state
VEE = 2.4~3.3V, electric volume is MAX(“1111111”).
bias = 1/5~1/10, 1/82 duty, no load at LCD driver port.
RL = 30k
Ω(between V
OUT ,VSS), CA1= CA2=1.0
µF, CA
3=0.1
µF, DCON=“1”, AMPON=“1”
*12 applicable under internal oscillator circuit and internal power circuit are ON state and no access from
CPU.
electric volume is “1111111”.
Display is all ON and cross check pattern display ( variable gradation display mode), and no load at LCD
driver port.
Test condition :
VDD=VEE=VREF,
CA1=CA2=1.0
µF, CA
3=0.1
µF, DCON=“1”, AMPON=“1”, NLIN=”0”,
1/82 duty.
*13 VREG output voltage when VBA output is connected to VREF input, VREG gain is N=1.
*14 VREG
port
VEE= 2.4~3.3V, VREF= 0.9 VEE, bias= 1/5~1/10, 1/82 duty, electric volume is “1111111”
Cross hatch state and no load at LCD driver port.
Boosting coefficient N is 2~7 times
Test condition :
CA1=CA2=1.0
µF, CA
3=0.1
µF, DCON=“1”, AMPON=“1”, NLIN=”0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com