Electronic Components Datasheet Search
  English  ▼

X  

HM17CM256 Datasheet(PDF) 104 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 104 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 100Page - Hynix Semiconductor HM17CM256 Datasheet HTML 101Page - Hynix Semiconductor HM17CM256 Datasheet HTML 102Page - Hynix Semiconductor HM17CM256 Datasheet HTML 103Page - Hynix Semiconductor HM17CM256 Datasheet HTML 104Page - Hynix Semiconductor HM17CM256 Datasheet HTML 105Page - Hynix Semiconductor HM17CM256 Datasheet HTML 106Page - Hynix Semiconductor HM17CM256 Datasheet HTML 107Page - Hynix Semiconductor HM17CM256 Datasheet HTML 108Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 111 page
background image
HM17CM256
- 104 -
•
SOURCE CLOCK INPUT TIMING
(VDD=2.4
∼3.3V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
OSC1 “H” pulse width (1)
tCKHW1
TBD
TBD
µs
OSC1
OSC1 “L” pulse width (1)
tCKLW1
TBD
TBD
µs
∗1
OSC1 “H” pulse width (2)
tCKHW2
TBD
TBD
µs
OSC1
OSC1 “L” pulse width (2)
tCKLW2
TBD
TBD
µs
∗2
OSC1 “H” pulse width (3)
tCKHW3
TBD
TBD
µs
OSC1
OSC1 “L” pulse width (3)
tCKLW3
TBD
TBD
µs
∗3
(VDD=1.7
∼2.4V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
OSC1 “H” pulse width (1)
tCKHW1
TBD
TBD
µs
OSC1
OSC1 “L” pulse width (1)
tCKLW1
TBD
TBD
µs
∗1
OSC1 “H” pulse width (2)
tCKHW2
TBD
TBD
µs
OSC1
OSC1 “L” pulse width (2)
tCKLW2
TBD
TBD
µs
∗2
OSC1 “H” pulse width (3)
tCKHW3
TBD
TBD
µs
OSC1
OSC1 “L” pulse width (3)
tCKLW3
TBD
TBD
µs
∗3
notice)
All timing reference is 20% and 80% of VDD and 80%.
∗1
applicable under gradation display , MON=”0”, PWM=”0”
∗2
applicable under fixed gradation display , MON=”0”,PWM=”1”
∗3
applicable under BW display , MON=”1”
OSC1
tCKLW
tCKHW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com