Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 14 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 10Page - Intel Corporation 82802AC Datasheet HTML 11Page - Intel Corporation 82802AC Datasheet HTML 12Page - Intel Corporation 82802AC Datasheet HTML 13Page - Intel Corporation 82802AC Datasheet HTML 14Page - Intel Corporation 82802AC Datasheet HTML 15Page - Intel Corporation 82802AC Datasheet HTML 16Page - Intel Corporation 82802AC Datasheet HTML 17Page - Intel Corporation 82802AC Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
14
Datasheet
2.1.
Pin Descriptions
The pin descriptions table details the usage of each device pin. Most pins have dual functionality, with
functions in both the Intel Firmware Hub and A/A Mux interfaces. The A/A Mux functionality for pins is
shown bold italic in the description box for that pin. All pins are designed to be compliant with
VCC + 0.3 V max. unless otherwise noted.
Table 1.
Pin Descriptions
Interface
Symbol
Type
Intel
FWH
A/A Mux
Name and Function
IC
I
X
X
Interface Configuration Pin. This pin determines which interface is
used to communicate with the device. When it is held low, the Intel
FWH interface is enabled. When it is held High, the A/A Mux
interface is enabled. This pin must be set at power-up or before
return from reset, and must not be changed during device operation.
This pin is pulled down with an internal resistor of between 20 and
100 k
Ω. When the IC is High (A/A Mux mode), this pin will exhibit a
leakage current of approximately 200
µA. This pin may be floated,
which will select the Intel FWH mode.
RST#
I
X
X
Interface Reset. Valid for both A/A Mux and Intel FWH interface
operation. When driven low, RST# inhibits write operations to
provide data protection during power transitions, resets internal
automation, and tri-states pins FWH[3:0] (in Intel FWH interface
mode). RST#-high enables normal operation. When exiting from
reset, the device defaults to read array mode.
INIT#
I
X
Processor Reset. This is a second reset pin for in-system use. This
pin is internally combined with the RST# pin. If this pin or RST# is
driven low, identical operation is exhibited. This signal is designed to
be connected to the chipset INIT signal (Max. voltage depends on
the processor. Do not use 3.3 V).
A/A Mux = OE#
CLK
I
X
33-MHz Clock for Intel FWH Interface. This input is the same as
that for the PCI clock and adheres to the PCI specification.
A/A Mux = R/C#
FWH[3:0]
I/O
X
Intel FWH I/Os. I/O communication
A/A Mux = DQ[3:0]
FWH4
I
X
Intel FWH Input. Input communication
A/A Mux = WE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com