Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 18 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 14Page - Intel Corporation 82802AC Datasheet HTML 15Page - Intel Corporation 82802AC Datasheet HTML 16Page - Intel Corporation 82802AC Datasheet HTML 17Page - Intel Corporation 82802AC Datasheet HTML 18Page - Intel Corporation 82802AC Datasheet HTML 19Page - Intel Corporation 82802AC Datasheet HTML 20Page - Intel Corporation 82802AC Datasheet HTML 21Page - Intel Corporation 82802AC Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
18
Datasheet
3.5.
Operational Effects of Hardware Write-Protect Pins
TBL# and WP#
The TBL# and WP# pins on the Intel FWH provide hardware write protect capabilities. The Top Block
Lock (TBL#) pin, when held low (active), prevents program or block erase operations in the top-most
block of the device where critical code can be stored. When TBL# is high, hardware write protection of
the top block is disabled. The Write Protect (WP#) pin has a function similar to TBL#, but affects all
remaining blocks. WP# operates independently from TBL# and does not affect the lock status of the top
block.
The TBL# and WP# pins must be set to the desired protection state prior to starting a program or erase
operation, since they are sampled at the beginning of the operation. Changing the state of TBL# or WP#
during a program or erase operation may cause unpredictable results.
If the state of TBL# or WP# changes during a program suspend or erase suspend state, the changes to the
device’s locking status do not take place immediately. The suspended operation may be resumed to
successfully complete the program or erase operation. The new lock status will take place after the
program or erase operation completes.
These pins function in combination with the register-based block locking described in Section 4.9. When
active, these pins write-protect the appropriate block(s), regardless of the associated block-locking
registers. (For example, when TBL# is active, writing to the top block is prevented, regardless of the
state of the write-lock bit for the top block’s locking register. In such a case, clearing the write-protect bit
in the register will have no functional effect, even though the register may indicate that the block is no
longer locked. The register may still be set to read-lock the block, if desired.) See Section 4.9 for further
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com