Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 44 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 44 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 40Page - Intel Corporation 82802AC Datasheet HTML 41Page - Intel Corporation 82802AC Datasheet HTML 42Page - Intel Corporation 82802AC Datasheet HTML 43Page - Intel Corporation 82802AC Datasheet HTML 44Page - Intel Corporation 82802AC Datasheet HTML 45Page - Intel Corporation 82802AC Datasheet HTML 46Page - Intel Corporation 82802AC Datasheet HTML 47Page - Intel Corporation 82802AC Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
44
Datasheet
5.4.1.6.
Abort Operations
FWH4 active (low) indicates either that a START cycle will eventually occur or that an abort is in
progress. In either case, if FWH4 is asserted, the Intel FWH will “immediately” tri-state its outputs and
the FWH state machine will reset.
During a write cycle, there is a possibility that an internal flash write or erase operation is in progress (or
has just been initiated). If FWH4 is asserted during this time frame, the internal operation will not abort.
The software must send an explicit flash command to terminate or suspend the operation.
The internal FWH state machine will not initiate a flash write or erase operation until it has received the
last data nibble from the chipset. This means that FWH4 can be asserted as late as this cycle (“cycle 12”)
and no internal flash operation will be attempted. However, since the Intel FWH will start “processing”
incoming data before it generates its SYNC field, it should be considered a non-buffered peripheral
device.
5.4.1.7.
Intel FWH Cycle Timing Information
Refer to Figure Figure 12 and Figure 13.
Table 18.
Signal Timing Parameters
Symbol
“PCI Symbol”
Parameter
Condition
Min.
Max.
Units
Notes
TCHQV
tval
CLK to data out
2
11
ns
1
TCHQX
ton
CLK to active
(float to active delay)
2
ns
2
TCHQZ
toff
CLK to inactive
(active to float delay)
28
ns
2
TAVCH
TDVCH
tsu
Input setup time
7
ns
3
TCHAX
TCHDX
th
Input hold time
0
ns
3
TVSPL
trst
Reset active time after
power stable
1
ms
TCSPL
trst-clk
Reset active time after
CLK stable
100
µs
TPLQZ
trst-off
Reset active to output
float delay
48
ns
2
Note:
1. Minimum and maximum times have different loads. See the PCI specification.
2. For purposes of active/float timing measurements, the Hi-Z or “off” state is defined as the state
where the total current delivered through the component pin is less than or equal to the leakage
current specification.
3. This parameter applies to any input type (excluding CLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com